Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AG602-89G Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # AG602-89G
Description  InGaP HBT Gain Block
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AG602-89G Datasheet(HTML) 8 Page - TriQuint Semiconductor

  AG602-89G_15 Datasheet HTML 1Page - TriQuint Semiconductor AG602-89G_15 Datasheet HTML 2Page - TriQuint Semiconductor AG602-89G_15 Datasheet HTML 3Page - TriQuint Semiconductor AG602-89G_15 Datasheet HTML 4Page - TriQuint Semiconductor AG602-89G_15 Datasheet HTML 5Page - TriQuint Semiconductor AG602-89G_15 Datasheet HTML 6Page - TriQuint Semiconductor AG602-89G_15 Datasheet HTML 7Page - TriQuint Semiconductor AG602-89G_15 Datasheet HTML 8Page - TriQuint Semiconductor AG602-89G_15 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AG602-89G
InGaP HBT Gain Block
Datasheet: Rev B 6/26/14
- 8 of 9 -
Disclaimer: Subject to change without notice
© 20114 TriQuint
www.triquint.com
Package Marking and Dimensions
1.62
(.064)
4.40
(.173)
.35
(.014)
.36
(.014)
.44
(.017)
1.40
(.055)
D1
D
C
B1
B
SYMBOL
A
4.60
(.181)
4.50
(.177)
1.83
(.072)
1.73
(.068)
1.60
(.063)
MAX
.44
(.017)
.48
(.019)
.56
(.022)
.50
(.020)
.40
(.016)
.42
(.0165)
1.50
(.059)
TYP
MIN
3.94
(.155)
2.13
(.084)
2.29
(.090)
e
H
L
e1
E1
E
SYMBOL
2.29
(.090)
2.60
(.102)
4.25
(.167)
1.20
(.047)
1.50 BSC
(.059)
1.10
(.043)
4.10
(.161)
3.00 BSC
(.118)
2.20
(.087)
2.50
(.098)
MAX
MIN
.89
(.035)
TYP
B
e
e1
2X B1
E
L
H
D1
D
C
E1
D1
D1
Alternate Backside Patterns - Reflow Compatible
(Part may be supplied with either pattern)
A
HALF ETCHING
DEPTH 0.001"
Notes:
1. All dimensions are in millimeters (inches). Angles are in degrees.
2. Dimension and tolerance formats conform to ASME Y14.4M-1994.
3. The terminal #1 identifier and terminal numbering conform to JESD 95-1 SPP-012.
4. Contact plating: NiPdAu
PCB Mounting Pattern
2.54 (0.100)
2.11 (0.083)
2.48 (0.098)
0.76 (0.030)
0.76 (0.030)
0.38 (0.015)
7.62 (0.300)
1.27 (0.050)
Package Outline
0.58 (0.023)
3.48 (0.137)
1.27 (0.050)
5.33 (0.210)
1.80 (0.071)
0.86 (0.034)
0.64 (0.025)
3.86 (0.152)
26X Ø0.25 (0.010)
5
Notes:
1. All dimensions are in millimeters (inches). Angles are in degrees.
2. Use 1 oz. copper minimum for top and bottom layer metal.
3. Vias are required under the backside paddle of this device for proper RF/DC grounding and thermal dissipation.
4. Do not remove or minimize via hole structure in the PCB. Thermal and RF grounding is critical.
5. We recommend a 0.35mm (#80/.0135") diameter bit for drilling via holes and a final plated thru diameter of 0.25 mm (0.10”).
6. Ensure good package backside paddle solder attach for reliable operation and best electrical performance.
A602G
YXXX
Package Marking
Product Identifier: A602G
Date/Assembly Code: YXXX


Similar Part No. - AG602-89G_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG602-89G ETC-AG602-89G Datasheet
240Kb / 6P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG602-89G WJCI-AG602-89G Datasheet
495Kb / 6P
   InGaP HBT Gain Block
AG602-89G WJCI-AG602-89G Datasheet
289Kb / 5P
   InGaP HBT Gain Block
More results

Similar Description - AG602-89G_15

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG201-86 WJCI-AG201-86 Datasheet
452Kb / 6P
   InGaP HBT Gain Block
AG604-89 WJCI-AG604-89 Datasheet
295Kb / 5P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
AG201-63 TRIQUINT-AG201-63_15 Datasheet
500Kb / 5P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG201-63 WJCI-AG201-63 Datasheet
504Kb / 6P
   InGaP HBT Gain Block
ECG040 WJCI-ECG040 Datasheet
161Kb / 4P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86 Datasheet
430Kb / 6P
   InGaP HBT Gain Block
AG503-89-RFID WJCI-AG503-89-RFID Datasheet
509Kb / 6P
   InGaP HBT Gain Block
AG302-86 WJCI-AG302-86 Datasheet
456Kb / 6P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86_06 Datasheet
198Kb / 5P
   InGaP HBT Gain Block
logo
List of Unclassifed Man...
ECG006 ETC-ECG006 Datasheet
377Kb / 8P
   InGaP HBT Gain Block
ECG003 ETC-ECG003 Datasheet
192Kb / 5P
   InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com