Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S17147EJ2V0DS00 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # S17147EJ2V0DS00
Description  7400 PIXELS CCD LINEAR IMAGE SENSOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S17147EJ2V0DS00 Datasheet(HTML) 5 Page - Renesas Technology Corp

  S17147EJ2V0DS00_15 Datasheet HTML 1Page - Renesas Technology Corp S17147EJ2V0DS00_15 Datasheet HTML 2Page - Renesas Technology Corp S17147EJ2V0DS00_15 Datasheet HTML 3Page - Renesas Technology Corp S17147EJ2V0DS00_15 Datasheet HTML 4Page - Renesas Technology Corp S17147EJ2V0DS00_15 Datasheet HTML 5Page - Renesas Technology Corp S17147EJ2V0DS00_15 Datasheet HTML 6Page - Renesas Technology Corp S17147EJ2V0DS00_15 Datasheet HTML 7Page - Renesas Technology Corp S17147EJ2V0DS00_15 Datasheet HTML 8Page - Renesas Technology Corp S17147EJ2V0DS00_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Data Sheet S17147EJ2V0DS
3
µ PD8670A
PIN CONFIGURATION (Top View)
CCD linear image sensor 32-pin plastic DIP (10.16 mm (400))
µ PD8670ACY-A
1
2
3
4
5
6
7
8
9
10
11
NC
IC
VOUT2
GND
IC
22
φ
2L2
φ
R2
φ
2L1
φ
CP1
φ
CP2
φ
12
φ
Internal connection
Reset feed-through level clamp clock 2
No connection
Output signal 2 (Even)
Ground
Reset gate clock 2
Internal connection
Shift register clock 2-2
Transfer gate clock
VOUT1
VOD
Output signal 1 (Odd)
Output drain voltage
Reset feed-through level clamp clock 1
Shift register clock 1-1
IC
Internal connection
IC
Internal connection
Last stage shift register clock 2
Shift register clock 1-2
Shift register clock 2-1
11
φ
21
φ
R1
φ
GND
Ground
Reset gate clock 1
Last stage shift register clock 1
No connection
NC
12
13
14
IC
Internal connection
IC
Internal connection
No connection
NC
15
16
NC
No connection
NC
No connection
TG
φ
32
31
30
29
28
27
26
25
24
23
22
IC
IC
Internal connection
Internal connection
21
20
NC
No connection
19
NC
No connection
18
NC
No connection
17
Cautions 1. Leave pins 6, 7, 12, 13, 20, 21, 26 and 27 (IC) unconnected.
2. Connect the No connection pins (NC) to GND.
PHOTOCELL STRUCTURE DIAGRAM
µ
3.2
µ m
1.5
Channel stopper
Aluminum
shield
m


Similar Part No. - S17147EJ2V0DS00_15

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
S17100G FARADAY-S17100G Datasheet
77Kb / 2P
   GENERAL PURPOSE LP FILTER
logo
Seiko Instruments Inc
S1711 SII-S1711 Datasheet
517Kb / 44P
   SUPER-SMALL PACKAGE 2-CIRCUIT HIGH RIPPLE-REJECTION
logo
Harwin Plc
S1711-06 HARWIN-S1711-06 Datasheet
78Kb / 1P
   SMT RFI SHIELD CLIP (LOOSE)
S1711-46 HARWIN-S1711-46 Datasheet
78Kb / 1P
   SMT RFI SHIELD CLIP (LOOSE)
S1711-46R HARWIN-S1711-46R Datasheet
104Kb / 1P
   SMT RFI SHIELD CLIP IN TAPE AND REEL
More results

Similar Description - S17147EJ2V0DS00_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD8670 RENESAS-PD8670_15 Datasheet
368Kb / 30P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
logo
NEC
UPD8670A NEC-UPD8670A Datasheet
274Kb / 28P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
UPD3747 NEC-UPD3747 Datasheet
122Kb / 5P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
logo
Renesas Technology Corp
S14892EJ4V0DS00 RENESAS-S14892EJ4V0DS00_15 Datasheet
304Kb / 22P
   7400 PIXELS CCD LINEAR IMAGE SENSOR
logo
NEC
UPD3734A NEC-UPD3734A Datasheet
137Kb / 20P
   2660 PIXELS CCD LINEAR IMAGE SENSOR
UPD3739 NEC-UPD3739 Datasheet
127Kb / 24P
   5000 PIXELS CCD LINEAR IMAGE SENSOR
logo
ATMEL Corporation
TH7841A ATMEL-TH7841A Datasheet
207Kb / 12P
   Linear CCD Image Sensor (2048 Pixels)
logo
Renesas Technology Corp
S12744EJ4V0DS00 RENESAS-S12744EJ4V0DS00_15 Datasheet
406Kb / 26P
   5000 PIXELS CCD LINEAR IMAGE SENSOR
S11454EJ3V0DS00 RENESAS-S11454EJ3V0DS00_15 Datasheet
335Kb / 22P
   2660 PIXELS CCD LINEAR IMAGE SENSOR
S13158EJ4V0DS00 RENESAS-S13158EJ4V0DS00_15 Datasheet
291Kb / 22P
   5150 PIXELS CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com