Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSG4394N Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4394N
Description  N-Ch Enhancement Mode Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4394N Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG4394N_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4394N_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4394N_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4394N_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SSG4394N
6.5A 150V, RDS(ON) 50mΩ
N-Ch Enhancement Mode Power MOSFET
Elektronische Bauelemente
31-Jul-2012Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
H
B
M
D
C
J
K
F
L
E
N
G
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
These miniature surface mount MOSFETs
utilize a high cell density trench process to provide
low RDS(on) and to ensure minimal power loss and
heat dissipation.
FEATURES
Low RDS(on) provides higher efficiency and
extends battery life.
Low thermal impedance copper leadframe
SOP-8 saves board space.
Fast switching speed.
High performance trench technology.
APPLICATION
DC-DC converters and power management in portable and
battery-powered products such as computers, printers,
PCMCIA cards, cellular and cordless telephones.
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOP-8
2.5K
13 inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
150
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
1
TA = 25°C
ID
6.5
A
TA = 70°C
5.5
A
Pulsed Drain Current
2
IDM
50
A
Continuous Source Current (Diode Conduction)
1
IS
4.6
A
Total Power Dissipation
1
TA = 25°C
PD
3.1
W
TA = 70°C
2.2
W
Operating Junction & Storage Temperature Range
TJ, TSTG
-55~150
°C
THERMAL RESISTANCE RATINGS
Maximum Junction to Ambient
1
t ≦10sec
RθJA
40
°C / W
Steady State
80
°C / W
Notes:
1
Surface Mounted on 1” x 1” FR4 Board.
2
Pulse width limited by maximum junction temperature.
SOP-8
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
5.80
6.20
H
0.35
0.49
B
4.80
5.00
J
0.375 REF.
C
3.80
4.00
K
45°
D
L
1.35
1.75
E
0.40
0.90
M
0.10
0.25
F
0.19
0.25
N
0.25 REF.
G
1.27 TYP.
G
S
S
S
D
D
D
D


Similar Part No. - SSG4394N_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4394N SECOS-SSG4394N Datasheet
497Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
SSG4394N VBSEMI-SSG4394N Datasheet
1Mb / 9P
   N-Channel 150 V (D-S) MOSFET
More results

Similar Description - SSG4394N_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSRF03N80SL SECOS-SSRF03N80SL Datasheet
600Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSM01N60SL SECOS-SSM01N60SL Datasheet
557Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSRF08N70SL SECOS-SSRF08N70SL Datasheet
472Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSU07N65SL SECOS-SSU07N65SL Datasheet
568Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSPS924NE SECOS-SSPS924NE Datasheet
630Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD30N15 SECOS-SSD30N15_15 Datasheet
445Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD40N04 SECOS-SSD40N04_15 Datasheet
386Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD50N10 SECOS-SSD50N10_15 Datasheet
574Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD60N04 SECOS-SSD60N04_15 Datasheet
151Kb / 2P
   N-Ch Enhancement Mode Power MOSFET
SSPS922NE SECOS-SSPS922NE_15 Datasheet
538Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com