Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJH60F6BDPQ-A0 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJH60F6BDPQ-A0
Description  600V - 45A - IGBT High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH60F6BDPQ-A0 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJH60F6BDPQ-A0_15 Datasheet HTML 1Page - Renesas Technology Corp RJH60F6BDPQ-A0_15 Datasheet HTML 2Page - Renesas Technology Corp RJH60F6BDPQ-A0_15 Datasheet HTML 3Page - Renesas Technology Corp RJH60F6BDPQ-A0_15 Datasheet HTML 4Page - Renesas Technology Corp RJH60F6BDPQ-A0_15 Datasheet HTML 5Page - Renesas Technology Corp RJH60F6BDPQ-A0_15 Datasheet HTML 6Page - Renesas Technology Corp RJH60F6BDPQ-A0_15 Datasheet HTML 7Page - Renesas Technology Corp RJH60F6BDPQ-A0_15 Datasheet HTML 8Page - Renesas Technology Corp RJH60F6BDPQ-A0_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
RJH60F6BDPQ-A0
Preliminary
R07DS0632EJ0100 Rev.1.00
Page 4 of 8
Feb 17, 2012
1
10
100
1000
10000
0100
50150
200
250
300
Gate Charge Qg (nc)
Dynamic Input Characteristics (Typical)
Typical Capacitance vs.
Collector to Emitter Voltage
800
600
400
200
0
0
16
12
8
4
0
40
80120
160
IC = 25 A
Ta = 25°C
VGE
VCE
VCC = 600 V
300 V
VCC = 600 V
300 V
Collector to Emitter Voltage VCE (V)
Cies
Coes
Cres
VGE = 0 V
f = 1 MHz
Ta = 25°C
C-E Diode Forward Voltage VCEF (V)
Forward Current vs. Forward Voltage (Typical)
0
20
40
60
80
100
0123
4
5
VGE = 0 V
Ta = 25°C
Pulse Test


Similar Part No. - RJH60F6BDPQ-A0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60F6BDPQ-A0 RENESAS-RJH60F6BDPQ-A0 Datasheet
101Kb / 9P
   600V - 45A - IGBT High Speed Power Switching
More results

Similar Description - RJH60F6BDPQ-A0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60F6BDPQ-A0 RENESAS-RJH60F6BDPQ-A0 Datasheet
101Kb / 9P
   600V - 45A - IGBT High Speed Power Switching
RJP60F5DPM RENESAS-RJP60F5DPM_15 Datasheet
84Kb / 7P
   600V - 40A - IGBT High Speed Power Switching
RJP60F7DPK RENESAS-RJP60F7DPK Datasheet
105Kb / 7P
   600V - 50A - IGBT High Speed Power Switching
RJH60F7BDPQ-A0 RENESAS-RJH60F7BDPQ-A0_15 Datasheet
218Kb / 9P
   600V - 50A - IGBT High Speed Power Switching
RJH60F5BDPQ-A0 RENESAS-RJH60F5BDPQ-A0_15 Datasheet
101Kb / 9P
   600V - 40A - IGBT High Speed Power Switching
RJP60F5DPK RENESAS-RJP60F5DPK_15 Datasheet
86Kb / 7P
   600V - 40A - IGBT High Speed Power Switching
RJH60F7BDPQ-A0 RENESAS-RJH60F7BDPQ-A0 Datasheet
102Kb / 9P
   600V - 50A - IGBT High Speed Power Switching
RJQ6022DPM RENESAS-RJQ6022DPM Datasheet
87Kb / 4P
   600V - 10A - IGBT High Speed Power Switching
RJH60F5BDPQ-A0 RENESAS-RJH60F5BDPQ-A0 Datasheet
101Kb / 9P
   600V - 40A - IGBT High Speed Power Switching
RJP60F5DPK RENESAS-RJP60F5DPK Datasheet
85Kb / 7P
   600V - 40A - IGBT High Speed Power Switching
May 31, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com