Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4RC10U Datasheet(PDF) 3 Page - International Rectifier

Part # IRG4RC10U
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4RC10U Datasheet(HTML) 3 Page - International Rectifier

  IRG4RC10U Datasheet HTML 1Page - International Rectifier IRG4RC10U Datasheet HTML 2Page - International Rectifier IRG4RC10U Datasheet HTML 3Page - International Rectifier IRG4RC10U Datasheet HTML 4Page - International Rectifier IRG4RC10U Datasheet HTML 5Page - International Rectifier IRG4RC10U Datasheet HTML 6Page - International Rectifier IRG4RC10U Datasheet HTML 7Page - International Rectifier IRG4RC10U Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRG4RC10U
www.irf.com
3
Fig. 1 - Typical Load Current vs. Frequency
(Load Current = IRMS of fundamental)
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
1
10
100
5
6
7
8
9
10
11
12
13
14
V
, Gate-to-Emitter Voltage (V)
GE
V
= 50V
5µs PULSE WIDTH
CC
T = 25 C
J
o
T = 150 C
J
o
0.0
1.0
2.0
3.0
4.0
0.1
1
1 0
1 0 0
f, Frequency (kHz)
A
60% of r ate d
v o lta g e
I
Ideal diodes
Sq u are w ave:
For bot h:
T ria ngular w av e:
I
C lam p vo ltage:
80% o f r ate d
P ow e r Dis s ip at ion = 1 .4 W
Typic al FR -4 board m ount
D uty c ycle: 50%
T = 125°C
T
= 5 5°C
G a te dri ve as s pecified
A
J
0.1
1
10
100
1
10
V
, Collector-to-Emitter Voltage (V)
CE
V
= 15V
20µs PULSE WIDTH
GE
T = 25 C
J
o
T = 150 C
J
o


Similar Part No. - IRG4RC10U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4RC10UD IRF-IRG4RC10UD Datasheet
191Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
IRG4RC10UDPBF IRF-IRG4RC10UDPBF Datasheet
308Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4RC10UDPBF IRF-IRG4RC10UDPBF Datasheet
308Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4RC10UDPBF IRF-IRG4RC10UDPBF_15 Datasheet
308Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4RC10UPBF IRF-IRG4RC10UPBF Datasheet
654Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG4RC10U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4RC10K IRF-IRG4RC10K Datasheet
134Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.39V, @Vge=15V, Ic=5.0A)
IRG4BC10UD IRF-IRG4BC10UD Datasheet
184Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
IRG4RC10UD IRF-IRG4RC10UD Datasheet
191Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
IRG4PH20K IRF-IRG4PH20K Datasheet
229Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=3.17V, @Vge=15V, Ic=5.0A)
IRG4BC20U IRF-IRG4BC20U Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC40U IRF-IRG4BC40U Datasheet
169Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.72V, @Vge=15V, Ic=20A)
IRG4PC40U IRF-IRG4PC40U Datasheet
148Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.1.72V, @Vge=15V, Ic=20A)
IRG4PC50F IRF-IRG4PC50F Datasheet
146Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.45V, @Vge=15V, Ic=39A)
IRG4PC30F IRF-IRG4PC30F Datasheet
145Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.59V, @Vge=15V, Ic=17A)
IRG4PC40W IRF-IRG4PC40W Datasheet
116Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.05V, @Vge=15V, Ic=20A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com