Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC564FPEL Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD74HC564FPEL
Description  Octal D-type Flip-Flops (with 3-state outputs)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC564FPEL Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD74HC564FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74HC564FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74HC564FPEL Datasheet HTML 6Page - Renesas Technology Corp HD74HC564FPEL Datasheet HTML 7Page - Renesas Technology Corp HD74HC564FPEL Datasheet HTML 8Page - Renesas Technology Corp HD74HC564FPEL Datasheet HTML 9Page - Renesas Technology Corp HD74HC564FPEL Datasheet HTML 10Page - Renesas Technology Corp HD74HC564FPEL Datasheet HTML 11Page - Renesas Technology Corp HD74HC564FPEL Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
HD74HC564, HD74HC574
Rev.2.00 Mar 30, 2006 page 6 of 9
Switching Characteristics (CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to +85
°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
2.0
6
5
4.5
30
24
Maximum clock
frequency
fmax
6.0
35
28
MHz
2.0
155
195
4.5
13
31
39
Propagation delay
time
tPLH
tPHL
6.0
26
33
ns
Clock to output
2.0
150
190
4.5
13
30
38
Output enable
time
tZH
tZL
6.0
26
33
ns
2.0
150
190
4.5
15
30
38
Output disable
time
tHZ
tLZ
6.0
26
33
ns
2.0
100
125
4.5
1
20
25
Setup time
tsu
6.0
17
21
ns
2.0
5
5
4.5
5
0
5
Hold time
th
6.0
5
5
ns
2.0
80
100
4.5
16
4
20
Pulse width
tw
6.0
14
17
ns
2.0
60
75
4.5
4
12
15
Output rise/fall
time
tTLH
tTHL
6.0
10
13
ns
Input capacitance
Cin
5
10
10
pF
Test Circuit
VCC
OPEN
GND
C =
50 pF
OC
Zout = 50
1 k
VCC
VCC
VCC
S1
L
TEST
S1
t
/ t
PLH
PHL
OPEN
GND
t
/ t
ZH
HZ
t
/ t
ZL
LZ
1D to 8D
1Q to 8Q
or
1
Q to 8Q
Clock
Zout = 50
Note : 1. CL includes probe and jig capacitance.
Pulse Generator
Output
Input
Pulse Generator
Input


Similar Part No. - HD74HC564FPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC564FPEL RENESAS-HD74HC564FPEL Datasheet
120Kb / 10P
   Octal D-type Flip-Flops (with 3-state outputs)
More results

Similar Description - HD74HC564FPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC374 HITACHI-HD74HC374 Datasheet
67Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs),Octal D-type Flip-flops (with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HCT534 RENESAS-HD74HCT534_15 Datasheet
136Kb / 10P
   Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
HD74HC374 RENESAS-HD74HC374 Datasheet
117Kb / 9P
   Octal D-type Flip-Flops (with 3-state outputs)/Octal D-type Flip-Flops (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74BC574A HITACHI-HD74BC574A Datasheet
39Kb / 10P
   Octal D Type Flip Flops With 3 State Outputs
HD74LVC374A HITACHI-HD74LVC374A Datasheet
48Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
logo
Renesas Technology Corp
HD74LVC534 RENESAS-HD74LVC534 Datasheet
206Kb / 8P
   Octal D-type Flip Flops with 3-state Outputs
RD74LVC374B RENESAS-RD74LVC374B Datasheet
109Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
logo
Hitachi Semiconductor
HD74HCT564 HITACHI-HD74HCT564 Datasheet
68Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74BC564A HITACHI-HD74BC564A Datasheet
42Kb / 10P
   Octal D Type Flip Flops With 3 State Outputs
HD74HC564 HITACHI-HD74HC564 Datasheet
65Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74LVC534 HITACHI-HD74LVC534 Datasheet
48Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com