Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC540FPEL Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD74HC540FPEL
Description  Octal Buffers/Line Drivers (with 3-state outputs)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC540FPEL Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD74HC540FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74HC540FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74HC540FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74HC540FPEL Datasheet HTML 6Page - Renesas Technology Corp HD74HC540FPEL Datasheet HTML 7Page - Renesas Technology Corp HD74HC540FPEL Datasheet HTML 8Page - Renesas Technology Corp HD74HC540FPEL Datasheet HTML 9Page - Renesas Technology Corp HD74HC540FPEL Datasheet HTML 10Page - Renesas Technology Corp HD74HC540FPEL Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HD74HC540, HD74HC541
Rev.2.00 Mar 30, 2006 page 6 of 8
HD74HC541
tPLH
tPHL
VOH
VOH
VOL
VOL
0 V
VCC
10 %
90 %
50 %
50 %
50 %
50 %
50 %
50 %
10 %
90 %
Waveform – 1
Waveform – 2
Input A
Output Y
tf
tr
tZL
VOL
VOH
tLZ
tZH
tHZ
Waveform - A
Waveform - B
90 %
10 %
tr
tf
0 V
VCC
10 %
10 %
90 %
90 %
50 %
50 %
Input
G
10 %
90 %
10 %
90 %
tTHL
tTLH
Notes : 1. Input waveform : PRR
≤ 1 MHz, duty cycle 50%, tr ≤ 6 ns, tf ≤ 6 ns
2. Waveform - A is for an output with internal conditions such that the
output is low except when disabled by the output control.
3. Waveform - B is for an output with internal conditions such that the
output is high except when disabled by the output control.
4. The output are measured one at a time with one transition per measurement.


Similar Part No. - HD74HC540FPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC540FPEL RENESAS-HD74HC540FPEL Datasheet
111Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
More results

Similar Description - HD74HC540FPEL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F240 FAIRCHILD-74F240_04 Datasheet
82Kb / 8P
   Octal Buffers/Line Drivers with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74BC540A HITACHI-HD74BC540A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74BC541A HITACHI-HD74BC541A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74HC540 HITACHI-HD74HC540 Datasheet
51Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Renesas Technology Corp
RD74LVC540B RENESAS-RD74LVC540B Datasheet
83Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74HCT540 RENESAS-HD74HCT540 Datasheet
112Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Texas Instruments
54AC11241 TI1-54AC11241_09 Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC244A HITACHI-HD74BC244A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74LVC244A HITACHI-HD74LVC244A Datasheet
47Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74LVC540A HITACHI-HD74LVC540A Datasheet
48Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com