Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC393 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74HC393
Description  Dual 4-bit Binary Counters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC393 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74HC393_15 Datasheet HTML 1Page - Renesas Technology Corp HD74HC393_15 Datasheet HTML 2Page - Renesas Technology Corp HD74HC393_15 Datasheet HTML 3Page - Renesas Technology Corp HD74HC393_15 Datasheet HTML 4Page - Renesas Technology Corp HD74HC393_15 Datasheet HTML 5Page - Renesas Technology Corp HD74HC393_15 Datasheet HTML 6Page - Renesas Technology Corp HD74HC393_15 Datasheet HTML 7Page - Renesas Technology Corp HD74HC393_15 Datasheet HTML 8Page - Renesas Technology Corp HD74HC393_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Rev.2.00 Mar 30, 2006 page 1 of 6
HD74HC393
Dual 4-bit Binary Counters
REJ03D0625-0200
(Previous ADE-205-504)
Rev.2.00
Mar 30, 2006
Description
The HD74HC393 contain two 4-bit ripple carry binary counters, which can be cascaded to create a single divide-by-256
counter.
The HD74HC393 is incremented on the high to low transition (negative edge) of the clock input, and each has an
independent clear input. When clear is set high all four bits of each counter are set to a low level. This enables count
truncation and allows the implementation of divide-by-N counter configurations.
Features
• High Speed Operation: t
pd (A to QA) = 16 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC393P
DILP-14 pin
PRDP0014AB-B
(DP-14AV)
P
HD74HC393FPEL
SOP-14 pin (JEITA)
PRSP0014DF-B
(FP-14DAV)
FP
EL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Clock
Clear
Outputs
X
H
L
H
L
No change
L
L
No change
L
No change
L
Advance to next state
Note:
1. H; High level, L; Low level, X; Irrelevant


Similar Part No. - HD74HC393_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC393FPEL RENESAS-HD74HC393FPEL Datasheet
89Kb / 7P
   Dual 4-bit Binary Counters
HD74HC393P RENESAS-HD74HC393P Datasheet
89Kb / 7P
   Dual 4-bit Binary Counters
More results

Similar Description - HD74HC393_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC393 RENESAS-HD74HC393 Datasheet
89Kb / 7P
   Dual 4-bit Binary Counters
logo
Hitachi Semiconductor
HD74LV393A HITACHI-HD74LV393A Datasheet
64Kb / 15P
   Dual 4-bit Binary Counters
logo
Texas Instruments
SN54HC393 TI-SN54HC393 Datasheet
542Kb / 17P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
logo
Hitachi Semiconductor
HD74HC393 HITACHI-HD74HC393 Datasheet
47Kb / 9P
   Dual 4-bit Binary Counters
logo
Texas Instruments
SN54LV393A TI-SN54LV393A Datasheet
367Kb / 14P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
SN54HC393 TI-SN54HC393_07 Datasheet
612Kb / 21P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
logo
Renesas Technology Corp
HD74LV393A RENESAS-HD74LV393A Datasheet
85Kb / 11P
   Dual 4-bit Binary Counters
logo
Texas Instruments
SN54LV393A TI-SN54LV393A_07 Datasheet
525Kb / 18P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
logo
Renesas Technology Corp
HD74LS393 RENESAS-HD74LS393 Datasheet
69Kb / 7P
   Dual 4-bit Binary Counters
HD74LV393A RENESAS-HD74LV393A_15 Datasheet
110Kb / 13P
   Dual 4-bit Binary Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com