Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3027R Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 3027R
Description  89.6 MHz Bandpass
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3027R Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3027R Datasheet HTML 1Page - KR Electronics, Inc. 3027R Datasheet HTML 2Page - KR Electronics, Inc. 3027R Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2011, KR Electronics, Inc.
3027R, 89.6 MHz Bandpass, Rev 0, May 14, 2011
KR Electronics, Inc.
KR Electronics part number 3027R is a 89.6 MHz bandpass fil-
ter. The filter has a minimum 3.5 dB bandwidth of 26 MHz.
Other center frequencies and are bandwidths available. Please
consult the factory.
General Description
KR Electronics, Inc.
Features
 89.6 MHz Bandpass
 3.5 dB Bandwidth 26 MHz min
 Selective Elliptic Response
 50  Source and Load
 Surface Mount
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(5 dB/div)


Similar Part No. - 3027R

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3027 POMONA-3027 Datasheet
23Kb / 1P
   Minature Double Banana Plug To Miniature Alligator Clips
logo
Schurter Inc.
3027 SCHURTER-3027 Datasheet
385Kb / 3P
   Power Cord with IEC Connector C13, Straight
logo
Heyco.
3027 HEYCO-3027 Datasheet
135Kb / 1P
   Large Dome Plugs
logo
New Jersey Semi-Conduct...
3027-1 NJSEMI-3027-1 Datasheet
72Kb / 1P
   SILICON PNPN PASSIVATED PLANAR
logo
Pomona Electronics
3027-K-24 POMONA-3027-K-24 Datasheet
23Kb / 1P
   Minature Double Banana Plug To Miniature Alligator Clips
More results

Similar Description - 3027R

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2567-1 KR-2567-1 Datasheet
88Kb / 2P
   10.7 MHz Bandpass
3017 KR-3017 Datasheet
48Kb / 3P
   455 MHz Bandpass
3002 KR-3002 Datasheet
48Kb / 3P
   174 MHz Bandpass
3204 KR-3204 Datasheet
105Kb / 3P
   1087.5 MHz Bandpass
3192-3 KR-3192-3 Datasheet
105Kb / 3P
   2000 MHz Bandpass
3030-140-10 KR-3030-140-10 Datasheet
58Kb / 3P
   140 MHz Bandpass
3020 KR-3020 Datasheet
74Kb / 3P
   20 MHz Bandpass
2796-SMA KR-2796-SMA Datasheet
65Kb / 2P
   10 MHz Bandpass
2629-40-1 KR-2629-40-1 Datasheet
89Kb / 2P
   160 MHz Bandpass
2451-S KR-2451-S Datasheet
48Kb / 2P
   140 MHz Bandpass
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com