Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U60D60A Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # U60D60A
Description  60 Amperes Dual Common Anode Ultra Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

U60D60A Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  U60D60A Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. U60D60A Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS
Rating
Symbol
U60D20A
U60D40A
U60D60A
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
200
400
600
V
Average Rectified Forward Current (Rated VR)
Per Leg
Per Device
IF(AV)
30 @ TC = 150°C
60 @ TC = 150°C
A
Peak Rectified Forward Current, Per Leg
(Rated VR, Square Wave, 20 kHz, TC = 150°C)
IFRM
60 @ TC = 150°C
60 @ TC =145°C
A
Nonrepetitive Peak Surge Current (Surge applied at rated
load conditions, halfwave, single phase, 60 Hz) Per Leg
IFSM
600
A
Operating Junction and Storage Temperature
TJ, Tstg
− 65 to +175
°C
THERMAL CHARACTERISTICS (Per Diode Leg)
Maximum Thermal Resistance,
− Junction−to−Case
− Junction−to−Ambient
RqJC
RqJA
1.5
40
°C/W
ELECTRICAL CHARACTERISTICS (Per Diode Leg)
Maximum Instantaneous Forward Voltage (Note 1)
(IF = 30 Amp, TC = 150°C)
(IF = 30 Amp, TC = 25°C)
VF
0.95
1.05
1.20
1.30
1.5
1.7
V
Maximum Instantaneous Reverse Current (Note 1)
(Rated DC Voltage, TJ = 150°C)
(Rated DC Voltage, TJ = 25°C)
iR
5000
60
5000
60
mA
Maximum Reverse Recovery Time
(iF = 1.0 A, di/dt = 50 A/ms)
trr
35
50
ns
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%.
.199(5.05)
.142(3.6)
.126(3.2)
.030(0.75)
.050(1.25)
.225(5.7)
.225(5.7)
.640(16.25)
.175(4.45)
.125(3.2)
.110(2.8)
.017(0.45)
.045(1.15)
.204(5.2)
.204(5.2)
.095(2.4)
.620(15.75)
TO-3P/TO-247AD
Unit: inch (mm)
Features
Dual rectifier construction, positive center-tap
Plastic package has Underwriters Laboratory
Flammability Classification 94V0
Glass passivated chip junctions
Superfast recovery time, high voltage
Low forward voltage, high current capability
Low thermal resistance
Low power loss, high efficiency
High temperature soldering guaranteed:
260
oC, 0.16”(4.06mm)from case for 10 seconds
Mechanical Data
Cases: TO-3P/TO-247AD molded plastic
Terminals: Pure tin plated, lead free solderable per
MIL-STD-750. Method 2026
Polarity: As marked on diode body
Mounting position: Any
Mounting torque: 10in-lbs. Max.
Weight: 6.5 gram approximately
®
U60D20A thru U60D60A
Pb Free Plating Product
U60D20A thru U60D60A
60 Amperes Dual Common Anode Ultra Fast Recovery Rectifiers
Pb
Positive
Negative
Doubler
Common Cathode
Case
Case
Case
Common Anode
Suffix "C"
Tandem Polarity
Case
Reverse Doubler
Tandem Polarity
Suffix "A"
Suffix "D"
Suffix "S"
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2
Rev.05


Similar Part No. - U60D60A

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
U60D60A THINKISEMI-U60D60A Datasheet
448Kb / 3P
   60.0 Amperes Dual Common Anode Ultra Fast Recovery Rectifiers
More results

Similar Description - U60D60A

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MUR6020PA THINKISEMI-MUR6020PA Datasheet
210Kb / 2P
   60 Amperes Dual Common Anode Ultra Fast Recovery Rectifiers
MUR6020PTR THINKISEMI-MUR6020PTR Datasheet
328Kb / 2P
   60 Amperes HeatSink Dual Common Anode Ultra Fast Recovery Rectifiers
U60D20A THINKISEMI-U60D20A_V01 Datasheet
448Kb / 3P
   60.0 Amperes Dual Common Anode Ultra Fast Recovery Rectifiers
UGF10L08GA THINKISEMI-UGF10L08GA Datasheet
867Kb / 2P
   10.0 Amperes Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
MUR1020CTRF THINKISEMI-MUR1020CTRF Datasheet
793Kb / 2P
   10.0 Amperes Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
MUR1220CTRF THINKISEMI-MUR1220CTRF Datasheet
792Kb / 2P
   12.0 Amperes Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
U60D20C THINKISEMI-U60D20C Datasheet
214Kb / 2P
   60 Amperes Dual Common Cathode Ultra Fast Recovery Rectifiers
UFP60C20A THINKISEMI-UFP60C20A Datasheet
507Kb / 3P
   60 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Rectifiers
MURD820CTR THINKISEMI-MURD820CTR Datasheet
730Kb / 2P
   8.0 Amperes Surface Mount Dual Common Anode Ultra Fast Recovery Rectifiers
UGF1004GA THINKISEMI-UGF1004GA Datasheet
871Kb / 2P
   10.0 Amperes Insulated Package Dual Common Anode Ultra Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com