Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES1000FL Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # ES1000FL
Description  SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

ES1000FL Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  ES1000FL Datasheet HTML 1Page - Bruckewell Technology LTD ES1000FL Datasheet HTML 2Page - Bruckewell Technology LTD ES1000FL Datasheet HTML 3Page - Bruckewell Technology LTD ES1000FL Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ES1000FL – ES1006FL
SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
Publication Order Number: [ES1000FL – ES1006FL]
©Bruckewell Technology Corporation Rev.
A -2014
Ratings at 25°˚C ambient temperature unless otherwise specified
ES
1000FL
ES
1001FL
ES
1002FL
ES
1004FL
ES
1006FL
Unit
Trr
Maximum reverse recovery time
35
nS
Cj
Typical junction capacitance
10
PF
RθJA
Maximum thermal resistance
82
°C/W
RθJL
27
°C/W
TSTG
Storage temperature range
-55 to +150
°C
NOTE:
1. Pluse test: Pulse width 300us, duty cycle 1%


Similar Part No. - ES1000FL

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
ES1000FL ZSELEC-ES1000FL Datasheet
141Kb / 2P
   1.0A GLASS PASSIVATED SUPERFAST RECOVERY DIODE
logo
DAESAN ELECTRONIC CORP.
ES1000FL DAESAN-ES1000FL Datasheet
385Kb / 2P
   SUPERFAST RECOVERY RECTIFIER
More results

Similar Description - ES1000FL

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
ES2A BWTECH-ES2A Datasheet
273Kb / 2P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
General Semiconductor
US1A GE-US1A Datasheet
85Kb / 2P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
Bruckewell Technology L...
ES2A-2J BWTECH-ES2A-2J Datasheet
273Kb / 2P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
ES1A-1J BWTECH-ES1A-1J Datasheet
273Kb / 2P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
ES2A_J BWTECH-ES2A_J Datasheet
394Kb / 4P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
Continental Device Indi...
ES1A-1J CDIL-ES1A-1J Datasheet
273Kb / 2P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
Bruckewell Technology L...
ES1A_J BWTECH-ES1A_J Datasheet
431Kb / 4P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
US1A-M BWTECH-US1A-M Datasheet
406Kb / 4P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
US2A-M BWTECH-US2A-M Datasheet
321Kb / 4P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
Continental Device Indi...
ES2A-2J CDIL-ES2A-2J Datasheet
273Kb / 2P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com