Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN4598 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4598
Description  Pre-amplifying the analog output of a MEMS microphone
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4598 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4598 Datasheet HTML 3Page - STMicroelectronics AN4598 Datasheet HTML 4Page - STMicroelectronics AN4598 Datasheet HTML 5Page - STMicroelectronics AN4598 Datasheet HTML 6Page - STMicroelectronics AN4598 Datasheet HTML 7Page - STMicroelectronics AN4598 Datasheet HTML 8Page - STMicroelectronics AN4598 Datasheet HTML 9Page - STMicroelectronics AN4598 Datasheet HTML 10Page - STMicroelectronics AN4598 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DocID026988 Rev 1
7/12
AN4598
Designing the circuit
12
5
Designing the circuit
A typical pre-amplification circuit is shown in Figure 2.
Figure 2. MEMS microphone amplification circuit
R4 and R5 are used to generate a voltage reference to bias the input common mode voltage
of the op amp at Vcc/2.
C5 allows the noise of the power supply (and of the equivalent R4 and R5 resistors) to be
reduced. Generally, this noise would be amplified by the op amp.
R6 and C6 create a low pass filter which also helps to reduce noise, resulting in an overall
second order, low-pass filtering.
R1 and C1 allow AC coupling of the microphone signal. The op amp is DC biased by Vcc/2
and in AC i.e. above ~1/2π R1C1 (16 Hz) its input receives the microphone signal.
Note that if the op amp is used with a dual supply configuration, ground is used as the input
common mode voltage (R1 is directly connected to ground).
R2 and C2 create a high-pass gain so as not to amplify the DC biasing of the op amp
(including input offset voltage). The cutoff frequency is fhp = 1/2π R2C2 which is 59 Hz.


Similar Part No. - AN4598

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4599 STMICROELECTRONICS-AN4599 Datasheet
906Kb / 26P
   This application note describes the features
More results

Similar Description - AN4598

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
AN-000013 TDK-AN-000013 Datasheet
161Kb / 4P
   Analog Output MEMS Microphone Flex Evaluation Board
logo
STMicroelectronics
STEVAL-MKI139V1 STMICROELECTRONICS-STEVAL-MKI139V1 Datasheet
228Kb / 4P
   Microphone coupon board based on the MP33AB01 analog MEMS microphone
November 2013 Rev 1
STEVAL-MKI139V3 STMICROELECTRONICS-STEVAL-MKI139V3 Datasheet
246Kb / 4P
   Microphone coupon board based on the MP23AB02B analog MEMS microphone
February 2015 Rev 1
STEVAL-MIC007V1 STMICROELECTRONICS-STEVAL-MIC007V1 Datasheet
543Kb / 4P
   Microphone coupon board based on the IMP23ABSU analog MEMS microphone
Rev 1 - November 2020
logo
Unisonic Technologies
ULV7084 UTC-ULV7084 Datasheet
198Kb / 7P
   PRE-AMPLIFIER FOR MEMS MICROPHONE
logo
STMicroelectronics
STEVAL-MKI139V4 STMICROELECTRONICS-STEVAL-MKI139V4 Datasheet
241Kb / 4P
   Microphone coupon board based on the MP23AB01DH analog MEMS microphone
February 2017 Rev 1
STEVAL-MKI139V2 STMICROELECTRONICS-STEVAL-MKI139V2 Datasheet
223Kb / 4P
   Microphone coupon board based on the MP33AB01H analog MEMS microphone
November 2013 Rev 1
logo
New Japan Radio
NJU72084 NJRC-NJU72084 Datasheet
333Kb / 7P
   Pre-Amplifier for MEMS Microphone
logo
TDK Electronics
AN-000012 TDK-AN-000012 Datasheet
212Kb / 4P
   Differential Analog Output MEMS Microphone Flex Evaluation Board
UG-445 TDK-UG-445 Datasheet
173Kb / 2P
   Analog Output MEMS Microphone Flex Evaluation Board User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com