Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4PH20KD Datasheet(PDF) 7 Page - International Rectifier

Part # IRG4PH20KD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=3.17V, @Vge=15V, Ic=5.0A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PH20KD Datasheet(HTML) 7 Page - International Rectifier

Back Button IRG4PH20KD Datasheet HTML 2Page - International Rectifier IRG4PH20KD Datasheet HTML 3Page - International Rectifier IRG4PH20KD Datasheet HTML 4Page - International Rectifier IRG4PH20KD Datasheet HTML 5Page - International Rectifier IRG4PH20KD Datasheet HTML 6Page - International Rectifier IRG4PH20KD Datasheet HTML 7Page - International Rectifier IRG4PH20KD Datasheet HTML 8Page - International Rectifier IRG4PH20KD Datasheet HTML 9Page - International Rectifier IRG4PH20KD Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRG4PH20KD
www.irf.com
7
Fig. 14 - Typical Reverse Recovery vs. dif/dt
Fig. 15 - Typical Recovery Current vs. dif/dt
Fig. 16 - Typical Stored Charge vs. dif/dt
Fig. 17 - Typical di(rec)M/dt vs. dif/dt
0
20
40
60
80
100
100
1000
f
d i /dt - (A/µs)
I = 1 0 A
I = 5.0 A
I = 2.5A
F
F
F
V = 200 V
T = 1 25°C
T = 2 5 ° C
R
J
J
1
10
100
100
1000
f
d i /d t - (A/µ s )
I = 1 0A
I = 5 .0A
I = 2.5 A
F
F
F
V = 2 00V
T = 1 25°C
T = 2 5 °C
R
J
J
100
1000
10000
100
1000
f
di /dt - (A/µs)
I = 1 0A
I = 5.0A
I = 2.5 A
F
F
F
V = 20 0V
T = 1 25°C
T = 2 5 °C
R
J
J
0
200
400
600
800
1000
100
1000
f
di /dt - (A/µs)
I = 10 A
I = 5.0 A
I = 2.5 A
F
F
F
V = 20 0V
T = 1 25°C
T = 2 5 °C
R
J
J


Similar Part No. - IRG4PH20KD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PH20KDPBF IRF-IRG4PH20KDPBF Datasheet
1Mb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH20KDPBF IRF-IRG4PH20KDPBF Datasheet
1Mb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH20KDPBF IRF-IRG4PH20KDPBF_15 Datasheet
1Mb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG4PH20KD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PH20K IRF-IRG4PH20K Datasheet
229Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=1200V, Vce(on)typ.=3.17V, @Vge=15V, Ic=5.0A)
IRG4BH20K-LPBF IRF-IRG4BH20K-LPBF Datasheet
298Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR ( VCES=1200V , VCE(on)typ.=3.17V , @VGE=15V.Ic=5.0A )
IRG4BC10UD IRF-IRG4BC10UD Datasheet
184Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
IRG4RC10KD IRF-IRG4RC10KD Datasheet
190Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.39V, @Vge=15V, Ic=5.0A)
IRG4RC10UD IRF-IRG4RC10UD Datasheet
191Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
IRG4BC10KD IRF-IRG4BC10KD Datasheet
210Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.2.39V, @Vge=15V, Ic=5.0A)
IRG4PSH71KD IRF-IRG4PSH71KD Datasheet
200Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=2.97V, @Vge=15V, Ic=42A)
IRG4PH40UD IRF-IRG4PH40UD Datasheet
220Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=2.43V, @Vge=15V, Ic=21A)
IRG4PH50UD IRF-IRG4PH50UD Datasheet
229Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=2.78V, @Vge=15V, Ic=24A)
IRG4PH30KD IRF-IRG4PH30KD Datasheet
212Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=1200V, Vce(on)typ.=3.10V, @Vge=15V, Ic=10A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com