Electronic Components Datasheet Search |
|
B140202 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved |
|
B140202 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved |
1 / 2 page 2x2 DVI over Cat5/Cat6 Matrix Splitter Switch, Video Transmitter MODEL NUMBER: B140-202 Description Tripp Lite's B140-202, 2X2 DVI Matrix Switch allows two DVI Single-Link video sources to be routed to one or two RJ45 outputs and extended up to 150-ft. @ 1920x1200 using Active (powered) Receivers, or up to 50-ft. @ 1920x1200 using Passive (non-powered) Receivers. Switching between sources is done manually or with included remote control. Additional monitors can be added beyond the typical two by using Tripp Lite B140-110 daisy-chain Receivers - up to 4 monitors per channel. Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases. Features Share two DVI video sources between two monitors Supports DVI Single Link computer resolutions up to 1920 x 1200 @ 60Hz Allows either input to be routed to either output, or the one input signal to both outputs Transmits over a single Cat5e/6 cable to a remote monitor up to 200-ft. away HDCP and EDID compliant Plug-and-Play A B140-Series remote receiver is needed at each monitor Active (powered) and Passive (non-powered) Receivers available Use 24AWG Solid Wire Cat5e/6 patch cable for maximum video performance Further expand the range and number of monitors with B140-110 Daisy-Chain Repeaters Compliant with the Federal Trade Agreements Act ( TAA ) for GSA schedule purchases Specifications General Info RoHS Y Highlights Share two DVI sources between two monitors Supports DVI Single Link computer resolutions up to 1920 x 1200 @ 60Hz Transmits over inexpensive Cat5e/6 cable up to 200 ft. Plug-and-Play Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases System Requirements DVI video cards and DVI monitors Package Includes B140-202 Local Transmitter Unit External Power Supply ( Input: 100-240V, 50/60Hz, 0.5A Output: 5V, 2A Mounting Hardware Remote Control Owners Manual 1 / 2 |
Similar Part No. - B140202 |
|
Similar Description - B140202 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |