Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B140004 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # B140004
Description  4-Port DVI over Cat5-Cat6 Extender Splitter, Video Transmitter, 1920x1080 at 60Hz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B140004 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  B140004 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B140004 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B140004 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Features
Transmit a DVI-D Single-Link signal to four monitors up to 200 ft. away using a single Cat5e/6 patch cable
Supports DVI-D Single-Link video resolutions up to 1920 x 1080 @ 60Hz
For longer distances - Use a B140-1A0 or B140-1A0-WP active receiver unit to extend a 1920 x 1080 @ 60Hz signal up to 150 ft., or a 1024 x 768 @
60Hz signal up to 200 ft.
For shorter distances - Use a B140-1P0 or B140-1P0-WP-1 passive receiver unit to extend a 1920 x 1080 @ 60Hz signal up to 50 ft., or a 1024 x 768 @
60Hz signal up to 100 ft.
Use 24AWG, Solid Wire Cat5e/6 cable, such as Tripp Lite's N202-Series, to achieve maximum distance and resolution
An additional DVI port is provided for the connection of a local monitor. This local DVI port can also be used to daisychain up to 3 units together, allowing
for the connection of up to 13 monitors (12 remote, 1 local).
Further expand the range and number of monitors by using a B140-110 repeater unit
Add up to four remote units (three repeaters and one active receiver) to each channel of the B140-004, for a total of 4 displays per channel. (An active
receiver should be the last unit in a channel)
A 1920 x 1080 @ 60Hz signal can be extended up to 125 ft. from each repeater to the next unit in the channel, or a 1024 x 768 @ 60Hz signal can be
extended up to 175 ft.
HDCP compatible
Compatible with all operating systems
Plug and play; no software or drivers required
Mounting hardware is included that allows the unit to be rackmounted, wallmounted or pole mounted. In addition, up to three units can be mounted in 1U
of rack space using a Tripp Lite B132-004-RB 19" rackmount bracket.
Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
Specifications
General Info
RoHS
Y
OVERVIEW
Chromebook Compatible
No
Display Style
Splitter
Model Type
DVI
Cable Types
CAT5/CAT5E
PHYSICAL
Optional Mounting Accessory Notes
Up to three B140-004 local units can be mounted in 1U of rack space using a Tripp Lite B132-004-RB
Extender/Splitter 19in rackmount bracket
Unit Dimensions (hwd / in.)
1.125 x 5 x 4
Unit Dimensions (hwd / cm)
2.86 x 12.7 x 10.16
Included Mounting Accessories
Yes
Color
Black
2 / 3


Similar Part No. - B140004

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B140002 TRIPPLITE-B140002 Datasheet
514Kb / 3P
   2-Port DVI over Cat5/Cat6 Extender Splitter, Video Transmitter, 1920x1080 at 60Hz
B140002DD TRIPPLITE-B140002DD Datasheet
499Kb / 2P
   2-Port Dual Display DVI over Cat5-Cat6 Extender Splitter, Video Transmitter, 1920x1080 at 60Hz
More results

Similar Description - B140004

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B140002 TRIPPLITE-B140002 Datasheet
514Kb / 3P
   2-Port DVI over Cat5/Cat6 Extender Splitter, Video Transmitter, 1920x1080 at 60Hz
B140002DD TRIPPLITE-B140002DD Datasheet
499Kb / 2P
   2-Port Dual Display DVI over Cat5-Cat6 Extender Splitter, Video Transmitter, 1920x1080 at 60Hz
B1401P0 TRIPPLITE-B1401P0 Datasheet
479Kb / 2P
   DVI over Cat5-Cat6 Passive Extender, Video Receiver, 1920x1080 at 60Hz
B1401P0WP1 TRIPPLITE-B1401P0WP1 Datasheet
491Kb / 2P
   DVI over Cat5-Cat6 Passive Extender, Wallplate Video Receiver, 1920x1080 at 60Hz
B140110 TRIPPLITE-B140110 Datasheet
507Kb / 2P
   DVI over Cat5-Cat6 Extender, Box-Style Repeater, 1920x1080 at 60Hz
B140101X TRIPPLITE-B140101X Datasheet
513Kb / 2P
   DVI over Cat5-Cat6 Active Extender Kit, Box-Style Video Transmitter and Receiver, 1920x1080 at 60Hz
B1401A0WP TRIPPLITE-B1401A0WP Datasheet
494Kb / 2P
   DVI over Cat5-Cat6 Active Extender, Wallplate Remote Video Receiver, 1920x1080 at 60Hz
B140101 TRIPPLITE-B140101 Datasheet
478Kb / 2P
   DVI over Cat5-Cat6 Passive Extender Kit, Box-Style Video Transmitter and Receiver, 1920x1080 at 60Hz
B1401A1WP TRIPPLITE-B1401A1WP Datasheet
495Kb / 2P
   DVI over Cat5-Cat6 Active Extender Kit, Wallplate Transmitter and Receiver, 1920x1080 at 60Hz
B1401A0 TRIPPLITE-B1401A0 Datasheet
507Kb / 2P
   DVI over Cat5-Cat6 Active Extender, Box-Style Remote Video Receiver, 1920x1080 at 60Hz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com