Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD16837 Datasheet(PDF) 3 Page - NEC

Part # UPD16837
Description  MONOLITHIC QUAD H BRIDGE DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16837 Datasheet(HTML) 3 Page - NEC

  UPD16837 Datasheet HTML 1Page - NEC UPD16837 Datasheet HTML 2Page - NEC UPD16837 Datasheet HTML 3Page - NEC UPD16837 Datasheet HTML 4Page - NEC UPD16837 Datasheet HTML 5Page - NEC UPD16837 Datasheet HTML 6Page - NEC UPD16837 Datasheet HTML 7Page - NEC UPD16837 Datasheet HTML 8Page - NEC UPD16837 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
µPD16837
3
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
TA = 25
°C and the other parameters are within their recommended operating ranges as described above
unless otherwise specified.
The parameters other than changes in delay time are when the current is ON.
ch1, ch4 1A, 4A, 1B, 4B Output
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Rise time
tTLHb
VDD = 5 V
200
ns
Rising delay time
tPLHb
VM = 12 V
350
ns
Change in rising delay time
∆tPLHb
10
110
ns
Fall time
tTHLb
at 100 kHz
200
ns
Falling delay time
tPHLb
350
ns
Change in falling delay time
∆tPHLb
130
ns
ch1, ch4 1A-1B, 4A-4B
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Rising delay time differential
tPLHa (A-B)
VDD = 5 V, VM = 12 V
50
ns
Falling delay time differential
tPHLa (A-B)
10
at 100 kHz
50
ns
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Output block ch 4
Output block ch 3
Output block ch 1
Output block ch 2
SEL4
IN8
IN7
VM4
4B
PGND4
4A
VM3
3B
PGND3
3A
VDD
SEL3
IN6
IN5
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
IN1
IN2
SEL1
DGND
1A
PGND1
1B
VM1
2A
PGND2
2B
VM2
IN3
IN4
SEL2


Similar Part No. - UPD16837

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16837 RENESAS-UPD16837 Datasheet
295Kb / 16P
   MOS INTEGRATED CIRCUIT
1998
UPD16837GS RENESAS-UPD16837GS Datasheet
295Kb / 16P
   MOS INTEGRATED CIRCUIT
1998
More results

Similar Description - UPD16837

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16835A NEC-UPD16835A Datasheet
227Kb / 32P
   MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD16878 NEC-UPD16878 Datasheet
242Kb / 32P
   MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD16879 NEC-UPD16879 Datasheet
199Kb / 6P
   MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD168101 NEC-UPD168101 Datasheet
115Kb / 16P
   MONOLITHIC QUAD H-BRIDGE DRIVER CIRCUIT
UPD16877 NEC-UPD16877 Datasheet
74Kb / 6P
   MONOLITHIC QUAD H-BRIDGE DRIVER CIRCUIT
UPD16833A NEC-UPD16833A Datasheet
90Kb / 12P
   MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD16835 NEC-UPD16835 Datasheet
196Kb / 32P
   MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16823 RENESAS-PD16823_15 Datasheet
185Kb / 10P
   MONOLITHIC H BRIDGE DRIVER
logo
NEC
UPD16823 NEC-UPD16823 Datasheet
71Kb / 8P
   MONOLITHIC H BRIDGE DRIVER
UPD16805 NEC-UPD16805 Datasheet
85Kb / 12P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com