Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYL-5013LRD1C Datasheet(PDF) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYL-5013LRD1C
Description  Red diffused led
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYL-5013LRD1C Datasheet(HTML) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYL-5013LRD1C_15 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5013LRD1C_15 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5013LRD1C_15 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5013LRD1C_15 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-5013LRD1C_15 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Model. No.
FYL-5013LRD1C
Rev.
A
Http://www.foryard.com
PRODUCT SPECIFICATION
PRODUCT SPECIFICATION
PRODUCT SPECIFICATION
PRODUCT SPECIFICATION
Model No.
Model No.
Model No.
Model No.
FYL
FYL
FYL
FYL----501
501
501
5013
3
3
3L
L
L
LR
R
R
RD
D
D
D1
1
1
1C
C
C
C
Descriptions:
■Dice material: AlGaInP.
■Emitting Color: Bright Red.
■Device Outline: Φ5mm round type.
■Lens Type: Red diffused.
CUSTOMER APPROVED
SIGNATURES
APPROVED BY
CHECKED BY
PREPARED BY
NINGBO FORYARD OPTOELECTRONICS CO.,LTD.
Add:
NO.115 Qixin Road Ningbo Zhejiang China
Zip:
315051
Tel:
0086-574-87933652
87927870
87922206
Fax:
0086-574-87927917
E-mail:
Sales@foryard.com
General
Http://www.foryard.com


Similar Part No. - FYL-5013LRD1C_15

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-5013LRD1C FORYARD-FYL-5013LRD1C Datasheet
149Kb / 3P
   LED LAMP
More results

Similar Description - FYL-5013LRD1C_15

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-8013ED1B FORYARD-FYL-8013ED1B Datasheet
270Kb / 5P
   Red diffused led
FYL-10013ED1A FORYARD-FYL-10013ED1A Datasheet
270Kb / 5P
   Red diffused led
FYL-25A3HD1B FORYARD-FYL-25A3HD1B Datasheet
267Kb / 5P
   Red diffused led
FYL-55A3ED1A FORYARD-FYL-55A3ED1A Datasheet
269Kb / 5P
   Red diffused led
FYL-4354LURD1A-S2 FORYARD-FYL-4354LURD1A-S2 Datasheet
273Kb / 5P
   Red diffused led
FYL-5013PURD1C FORYARD-FYL-5013PURD1C Datasheet
271Kb / 5P
   Red diffused led
FYL-5013SURD1C FORYARD-FYL-5013SURD1C Datasheet
271Kb / 5P
   Red diffused led
FYL-25A3HD1A FORYARD-FYL-25A3HD1A Datasheet
267Kb / 5P
   Red diffused led
FYL-10023ED1B FORYARD-FYL-10023ED1B Datasheet
270Kb / 5P
   Red diffused led
FYL-5012HD1C FORYARD-FYL-5012HD1C Datasheet
269Kb / 5P
   Red diffused led
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com