Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV1GT66A Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD74LV1GT66A
Description  Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1GT66A Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD74LV1GT66A_15 Datasheet HTML 3Page - Renesas Technology Corp HD74LV1GT66A_15 Datasheet HTML 4Page - Renesas Technology Corp HD74LV1GT66A_15 Datasheet HTML 5Page - Renesas Technology Corp HD74LV1GT66A_15 Datasheet HTML 6Page - Renesas Technology Corp HD74LV1GT66A_15 Datasheet HTML 7Page - Renesas Technology Corp HD74LV1GT66A_15 Datasheet HTML 8Page - Renesas Technology Corp HD74LV1GT66A_15 Datasheet HTML 9Page - Renesas Technology Corp HD74LV1GT66A_15 Datasheet HTML 10Page - Renesas Technology Corp HD74LV1GT66A_15 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HD74LV1GT66A
REJ03D0121-0800 Rev.8.00, Mar 21, 2008
Page 6 of 8
• t
PLH, tPHL
VCC
VCC
GND
(ON)
V =V
CIH
VIN
VOUT
C =
15 or 50 pF
L
VOL
VOH
VI
GND
tf
tr
90% 90%
Vref
Vref
50%
50%
tPLH
tPHL
10%
10%
VOUT
VIN
VCC (V)
Vref
tr / tf
3.3±0.3 2.5 V
VI
INPUTS
50%
1.5 V
3 V
5.0±0.5
≤ 3.0 ns
≤ 3.0 ns
Notes:
1.
Input waveform: PRR
≤ 1 MHz, Zo = 50 Ω.
2.
The output are measured one at a time with one transition per measurement.
• t
ZH, tZL / tHZ, tLZ
VCC
VCC
VCC
GND
GND
Item
S1
S2
VC
VIN
tZH
R =
1 k
L
C =15 or
50 pF
L
VOH
VI
GND
GND
tf
tr
90%
90%
Vref
Vref
50%
tZH
10%
10%
VOUT
V
–0.3 V
OH
V
+0.3 V
OL
VC
VCC
GND
tZL
VCC
GND
tHZ
VCC
GND
tLZ
S1
R =
1 k
L
S2
tHZ
50%
VOL
VCC
tZL
tLZ
VOUT
VCC (V)
Vref
tr / tf
3.3±0.3 2.5 V
VI
INPUTS
50%
1.5 V
3 V
5.0±0.5
≤ 3.0 ns
≤ 3.0 ns
waveform–A
waveform–B
Notes:
1.
Input waveform: PRR
≤ 1 MHz, Zo = 50 Ω.
2.
Waveform–A is for an output with internal conditions such that the output is low
except when disabled by the output control.
3.
Waveform–B is for an output with internal conditions such that the output is high
except when disabled by the output control.
4.
The output are measured one at a time with one transition per measurement.


Similar Part No. - HD74LV1GT66A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GT66ACME RENESAS-HD74LV1GT66ACME Datasheet
117Kb / 9P
   Analog Switch
HD74LV1GT66AVSE RENESAS-HD74LV1GT66AVSE Datasheet
117Kb / 9P
   Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
   Analog Switch
More results

Similar Description - HD74LV1GT66A_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
   Analog Switch
logo
Renesas Technology Corp
HD74HCT1G66 RENESAS-HD74HCT1G66 Datasheet
99Kb / 9P
   Analog Switch
logo
Hitachi Semiconductor
HD74LV1GT66A HITACHI-HD74LV1GT66A Datasheet
58Kb / 10P
   Analog Switch
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
   Analog Switch
November, 1999 ??Rev. 2
logo
Renesas Technology Corp
M51326P RENESAS-M51326P Datasheet
148Kb / 14P
   Analog switch
Rev.1.0 Sep.22.2003
HD74LV1G66A RENESAS-HD74LV1G66A Datasheet
101Kb / 12P
   Analog Switch
HD74HC1G66 RENESAS-HD74HC1G66 Datasheet
99Kb / 9P
   Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
   Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
   Analog Switch
HD74ALVC1G66 RENESAS-HD74ALVC1G66_15 Datasheet
122Kb / 15P
   Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com