Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4BC30UD Datasheet(PDF) 4 Page - International Rectifier

Part # IRG4BC30UD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC30UD Datasheet(HTML) 4 Page - International Rectifier

  IRG4BC30UD Datasheet HTML 1Page - International Rectifier IRG4BC30UD Datasheet HTML 2Page - International Rectifier IRG4BC30UD Datasheet HTML 3Page - International Rectifier IRG4BC30UD Datasheet HTML 4Page - International Rectifier IRG4BC30UD Datasheet HTML 5Page - International Rectifier IRG4BC30UD Datasheet HTML 6Page - International Rectifier IRG4BC30UD Datasheet HTML 7Page - International Rectifier IRG4BC30UD Datasheet HTML 8Page - International Rectifier IRG4BC30UD Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRG4BC30UD
4
www.irf.com
Fig. 5 - Typical Collector-to-Emitter Voltage
vs. Junction Temperature
Fig. 4 - Maximum Collector Current vs.
Case Temperature
Fig. 6 - Maximum IGBT Effective Transient Thermal Impedance, Junction-to-Case
0
5
10
15
20
25
25
50
75
100
125
150
T
, C a s e T e m perature (°C)
C
V
= 1 5 V
GE
A
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
t , R ectangular Pulse Duration (sec)
1
D = 0.5 0
0.01
0.02
0.05
0.10
0.20
S IN G L E P U LS E
(T HE RM A L RE S P O N S E )
P
t
2
1
t
DM
N o te s :
1 . D u ty f ac t or D = t
/ t
2 . P e a k T = P
x Z
+ T
12
J
DM
th J C
C
1.5
2.0
2.5
3.0
- 6 0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
100
120
140
160
V
= 1 5 V
80 µ s PU L SE W ID T H
GE
A
T , Ju nc tion T e m perature (°C)
J
I
= 2 4 A
I
= 12A
I
= 6 .0 A
C
C
C


Similar Part No. - IRG4BC30UD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC30UD IRF-IRG4BC30UD Datasheet
98Kb / 35P
   Fit Rate / Equivalent Device Hours
IRG4BC30UDPBF IRF-IRG4BC30UDPBF Datasheet
279Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE UltraFast CoPack IGBT
IRG4BC30UDPBF IRF-IRG4BC30UDPBF Datasheet
386Kb / 10P
   ULTRA FAST COPACK IGBT
IRG4BC30UDPBF IRF-IRG4BC30UDPBF_15 Datasheet
386Kb / 10P
   ULTRA FAST COPACK IGBT
More results

Similar Description - IRG4BC30UD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4PC30UD IRF-IRG4PC30UD Datasheet
211Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
IRG4BC30U IRF-IRG4BC30U Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
IRG4PC30U IRF-IRG4PC30U Datasheet
145Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
IRG4BC30US IRF-IRG4BC30US Datasheet
308Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT(Vces=600V, Vce(on)typ. = 1.95V, @Vge=15V, Ic=12A)
IRGPC30UD2 IRF-IRGPC30UD2 Datasheet
419Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=12A)
IRGBC30UD2 IRF-IRGBC30UD2 Datasheet
413Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=12A)
IRG4BC15UD-S IRF-IRG4BC15UD-S Datasheet
210Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.02V, @Vge=15V, Ic=7.8A)
IRG4BC20FD-S IRF-IRG4BC20FD-S Datasheet
222Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.66V, @Vge=15V, Ic=9.0A)
IRG4BC20UDS IRF-IRG4BC20UDS Datasheet
235Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC10UD IRF-IRG4BC10UD Datasheet
184Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com