Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYL-3014SRT1A Datasheet(PDF) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYL-3014SRT1A
Description  3mm round type led
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYL-3014SRT1A Datasheet(HTML) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYL-3014SRT1A Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-3014SRT1A Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-3014SRT1A Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-3014SRT1A Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-3014SRT1A Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Model. No.
FYL-3014SRT1A
Rev.
A
Http://www.foryard.com
FORYARD
O P T O E L E C T R O N I C S
LED
LED
LED
LED
PN:FYL-xxxxxxxx-xx
Qty:XXXXX PCS
Date:xxxx/xx/xx
GW: xx
KG
NW: xx
KG
xxxxxxxxxx
RoHS
RoHS
RoHS
RoHS
ATTENTION
ATTENTION
ATTENTION
ATTENTION
QC: QC
PASS
11
.5
30
Part NO: FYL-XXXXXX
xxxx/xx/xx
Quantity: XXXPCS
FORYARD
QC:
QC
PASS
xxxxxxxxxx
VF: XXX-XXX
WD:XXX-XXX
IV:XXXX-XXXX
FORYARD
O P T O E L E C T R O N I C S
www.foryard.com
39.0
RoHS
RoHS
RoHS
RoHS
OUTSIDE LABEL
OUTSIDE LABEL
LAMP PACKING.
3mm 1000PCS/Polybag
12000PCS/ Box
72000PCS/ Carton


Similar Part No. - FYL-3014SRT1A

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-3014SRD1A FORYARD-FYL-3014SRD1A Datasheet
145Kb / 3P
   LED LAMP
FYL-3014SRD1A FORYARD-FYL-3014SRD1A_15 Datasheet
276Kb / 5P
   3mm round type led
More results

Similar Description - FYL-3014SRT1A

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-3004GD1L FORYARD-FYL-3004GD1L Datasheet
276Kb / 5P
   3mm round type led
FYL-3012UBC1A FORYARD-FYL-3012UBC1A_15 Datasheet
285Kb / 5P
   3mm round type led
FYL-3014LRD1A FORYARD-FYL-3014LRD1A_15 Datasheet
276Kb / 5P
   3mm round type led
FYL-3014LRW1Z FORYARD-FYL-3014LRW1Z Datasheet
277Kb / 5P
   3mm round type led
FYL-3019SGW1A-CA FORYARD-FYL-3019SGW1A-CA Datasheet
286Kb / 5P
   3mm round type led
FYL-3014HD1A FORYARD-FYL-3014HD1A_15 Datasheet
275Kb / 5P
   3mm round type led
FYL-3014PURC1A FORYARD-FYL-3014PURC1A Datasheet
276Kb / 5P
   3mm round type led
FYL-3017RGW1A FORYARD-FYL-3017RGW1A Datasheet
285Kb / 5P
   3mm round type led
FYL-3004ED1D FORYARD-FYL-3004ED1D Datasheet
277Kb / 5P
   3mm round type led
FYL-3004ED1L FORYARD-FYL-3004ED1L Datasheet
276Kb / 5P
   3mm round type led
FYL-3004LRD1L FORYARD-FYL-3004LRD1L Datasheet
276Kb / 5P
   3mm round type led
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com