Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4BC10S Datasheet(PDF) 7 Page - International Rectifier

Part # IRG4BC10S
Description  INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V, Vce(on)typ.1.10V, @Vge=15V, Ic=2.0A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC10S Datasheet(HTML) 7 Page - International Rectifier

  IRG4BC10S Datasheet HTML 1Page - International Rectifier IRG4BC10S Datasheet HTML 2Page - International Rectifier IRG4BC10S Datasheet HTML 3Page - International Rectifier IRG4BC10S Datasheet HTML 4Page - International Rectifier IRG4BC10S Datasheet HTML 5Page - International Rectifier IRG4BC10S Datasheet HTML 6Page - International Rectifier IRG4BC10S Datasheet HTML 7Page - International Rectifier IRG4BC10S Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRG4BC10S
www.irf.com
7
480V
4 X IC@25°C
D.U.T.
50V
L
V *
C
Q
R
* Driver s am e ty pe as D .U .T .; Vc = 80% o f V ce (max )
* No te: D ue to th e 50V p ow er s up p ly, p ulse w idth a nd inductor
w ill inc rea se to o b ta in ra ted Id.
1000V
Fig. 13a - Clamped Inductive
Load Test Circuit
Fig. 13b - Pulsed Collector
Current Test Circuit
480µF
960V
0 - 480V
RL =
t=5µ s
d (on)
t
t f
t r
90 %
td(off)
10 %
90 %
10%
5%
VC
IC
E on
E off
ts
o n
o ff
E
= (E
+E
)
Q
R
S
Fig. 14b - Switching Loss
Waveforms
50V
Driv er*
10 00 V
D.U.T.
IC
C
V
Q
R
S
L
Fig. 14a - Switching Loss
Test Circuit
* Driver same type
as D.U.T., VC = 480V


Similar Part No. - IRG4BC10S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC10SD IRF-IRG4BC10SD Datasheet
313Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4BC10SD-L IRF-IRG4BC10SD-L Datasheet
217Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.10V, @Vge=15V, Ic=2.0A)
IRG4BC10SD-L IRF-IRG4BC10SD-L Datasheet
217Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4BC10SD-LPBF IRF-IRG4BC10SD-LPBF Datasheet
313Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4BC10SD-S IRF-IRG4BC10SD-S Datasheet
217Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.10V, @Vge=15V, Ic=2.0A)
More results

Similar Description - IRG4BC10S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4RC10S IRF-IRG4RC10S Datasheet
120Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.10V, @Vge=15V, IC=2.0A)
IRG4BC30SS IRF-IRG4BC30SS_04 Datasheet
204Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=18A)
IRG4BC30SS IRF-IRG4BC30SS Datasheet
152Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=18A)
IRG4BC40S IRF-IRG4BC40S Datasheet
157Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V, Vce(on)typ.=1.32V, @Vge=15V, Ic=31A)
IRG4BC10SD-S IRF-IRG4BC10SD-S Datasheet
217Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.10V, @Vge=15V, Ic=2.0A)
IRG4RC10SD IRF-IRG4RC10SD Datasheet
189Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.10V, @Vge=15V, Ic=2.0A)
IRG4BC20U IRF-IRG4BC20U Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
IRG4BC40U IRF-IRG4BC40U Datasheet
169Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.72V, @Vge=15V, Ic=20A)
IRG4PC40U IRF-IRG4PC40U Datasheet
148Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.1.72V, @Vge=15V, Ic=20A)
IRG4PC50F IRF-IRG4PC50F Datasheet
146Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.45V, @Vge=15V, Ic=39A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com