Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFZ48R Datasheet(PDF) 6 Page - International Rectifier

Part # IRFZ48R
Description  Power MOSFET(Vdss=60V, Rds(on)=0.018ohm, Id=50*A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ48R Datasheet(HTML) 6 Page - International Rectifier

  IRFZ48R Datasheet HTML 1Page - International Rectifier IRFZ48R Datasheet HTML 2Page - International Rectifier IRFZ48R Datasheet HTML 3Page - International Rectifier IRFZ48R Datasheet HTML 4Page - International Rectifier IRFZ48R Datasheet HTML 5Page - International Rectifier IRFZ48R Datasheet HTML 6Page - International Rectifier IRFZ48R Datasheet HTML 7Page - International Rectifier IRFZ48R Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRFZ48R
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (B R)DS S
I AS
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
R G
IAS
0.01
tp
D.U.T
L
V DS
+
-
VDD
DR IV E R
A
15V
20V
25
50
75
100
125
150
175
0
50
100
150
200
250
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
29A
51A
72A


Similar Part No. - IRFZ48R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFZ48R VISHAY-IRFZ48R Datasheet
1Mb / 9P
   Power MOSFET
Rev. B, 21-Mar-11
IRFZ48R VISHAY-IRFZ48R Datasheet
200Kb / 9P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFZ48RL IRF-IRFZ48RL Datasheet
176Kb / 10P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRFZ48RL VISHAY-IRFZ48RL Datasheet
961Kb / 8P
   Power MOSFET
S-Pending-Rev. A, 22-Jul-08
IRFZ48RL VISHAY-IRFZ48RL Datasheet
208Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
More results

Similar Description - IRFZ48R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFIZ48G IRF-IRFIZ48G Datasheet
169Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.018ohm, Id=37A)
IRFP048 IRF-IRFP048 Datasheet
174Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.018ohm, Id=70A)
IRLZ44S IRF-IRLZ44S Datasheet
282Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50*A)
IRLZ44 IRF-IRLZ44 Datasheet
169Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50*A)
IRFZ44R IRF-IRFZ44R Datasheet
153Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50*A)
IRFP054 IRF-IRFP054 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.014ohm, Id=70*A)
IRFP064 IRF-IRFP064 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.009ohm, Id=70*A)
IRFD9014 IRF-IRFD9014 Datasheet
177Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com