Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P582006 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # P582006
Description  DisplayPort to HD Cable Adapter (M-M), 6-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P582006 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  P582006 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P582006 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cable Length (m)
1.83
PHYSICAL
Color
Black
CONNECTIONS
Connector A
DISPLAYPORT (MALE)
Connector B
HDMI (MALE)
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2


Similar Part No. - P582006

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P582010 TRIPPLITE-P582010 Datasheet
491Kb / 2P
   DisplayPort to HD Cable Adapter (M-M), 10-ft
More results

Similar Description - P582006

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P586006HDMI TRIPPLITE-P586006HDMI Datasheet
501Kb / 2P
   Mini DisplayPort to HD Cable Adapter (M-M), 6-ft
P582010 TRIPPLITE-P582010 Datasheet
491Kb / 2P
   DisplayPort to HD Cable Adapter (M-M), 10-ft
P582-025 TRIPPLITE-P582-025 Datasheet
495Kb / 2P
   DisplayPort to HD Adapter Cable (M/M), 1080p, 25 ft.
P581006VGA TRIPPLITE-P581006VGA Datasheet
503Kb / 2P
   DisplayPort to VGA Cable, Displayport with Latches to HD-15 Adapter (M-M), 6-ft
P582-020 TRIPPLITE-P582-020 Datasheet
494Kb / 2P
   DisplayPort to HD Adapter Cable (M/M), 1080p, 20 ft.
P582-006 TRIPPLITE-P582-006 Datasheet
166Kb / 2P
   DisplayPort to HDMI Cable Adapter (M/M), 6-ft.
P581-006-VGA TRIPPLITE-P581-006-VGA Datasheet
160Kb / 2P
   DisplayPort to Active VGA Cable, Displayport with Latches to HD-15 Adapter (M/M), 6-ft.
P586-006-DVI TRIPPLITE-P586-006-DVI Datasheet
162Kb / 2P
   Mini DisplayPort to DVI Cable Adapter (M/M), 6-ft.
P586006DVI TRIPPLITE-P586006DVI Datasheet
498Kb / 2P
   Mini DisplayPort to DVI Cable Adapter (M-M), 6-ft
P583006 TRIPPLITE-P583006 Datasheet
474Kb / 2P
   Mini DisplayPort to DisplayPort Cable (M-M), 6-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com