Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B12510160 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # B12510160
Description  HDMI over Dual Cat5-Cat6 Extender Kit, In-Line Transmitter and Receiver for Video and Audio, 1920x1200 1080p at 60Hz (HDMI M-F)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B12510160 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  B12510160 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B12510160 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Use Tripp Lite P568-Series HDMI cables to connect to HDMI source and monitor
Equalization control dial for skew compensation
Supports Lip-Sync Pass Through, and CEC pass through
Green LED indicate power being received
Orange LED indicates signal connection
Compliant with the Federal Trade Agreements Act ( TAA ) for GSA schedule purchases
Specifications
General Info
RoHS
Y
OVERVIEW
Chromebook Compatible
Yes
Display Style
Extender
Model Type
HDMI
Cable Types
CAT5/CAT5E
PHYSICAL
Unit Dimensions (hwd / in.)
Remote Unit: 2.375"W x 1.75"D x 0.75"H Source Unit: 2.375"W x 1.75"D x 0.75"H
Unit Dimensions (hwd / cm)
6.03 x 4.45 x 1.9
Color
Black
CONNECTIONS
Connector A
HDMI (FEMALE)
Connector B
RJ45 (FEMALE) (X2)
WARRANTY
Product Warranty Period (Worldwide)
1-year limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2


Similar Part No. - B12510160

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B12510160WP TRIPPLITE-B12510160WP Datasheet
492Kb / 2P
   HDMI over Dual Cat5-Cat6 Extender Kit, Wallplate Transmitter and Receiver for Video and Audio,1920x1200 1080p at 60Hz (HDMI M-F)
More results

Similar Description - B12510160

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B12510160WP TRIPPLITE-B12510160WP Datasheet
492Kb / 2P
   HDMI over Dual Cat5-Cat6 Extender Kit, Wallplate Transmitter and Receiver for Video and Audio,1920x1200 1080p at 60Hz (HDMI M-F)
B125150 TRIPPLITE-B125150 Datasheet
498Kb / 2P
   HDMI over Dual Cat5-Cat6 Extender Kit, In-Line Transmitter and Receiver for Video and Audio,1920x1200 1080p at 24Hz (HDMI M-F)
B1261A1 TRIPPLITE-B1261A1 Datasheet
527Kb / 3P
   HDMI over Cat5-Cat6 Active Extender Kit, Box-Style Transmitter and Receiver for Video and Audio, 1920x1200 at 60Hz-1080p
B1261A1WP TRIPPLITE-B1261A1WP Datasheet
510Kb / 3P
   HDMI over Cat5-Cat6 Extender Kit, Extended Range Wallplate Transmitter and Receiver for Video and Audio, 1920x1200 1080p at 60Hz
B1261P0WP1 TRIPPLITE-B1261P0WP1 Datasheet
501Kb / 2P
   HDMI over Cat5-Cat6 Passive Extender, Wallplate Remote Receiver for Video and Audio, 1920x1200 1080p at 60Hz
B1261A0 TRIPPLITE-B1261A0 Datasheet
535Kb / 3P
   HDMI over Cat5-Cat6 Active Extender, Box-Style Remote Receiver for Video and Audio, 1920x1200 at 60Hz-1080p
B1261P0 TRIPPLITE-B1261P0 Datasheet
505Kb / 2P
   HDMI over Cat5-Cat6 Passive Extender, Box-Style Remote Receiver for Video and Audio, 1920x1200 1080p at 60Hz
B1261A0WP1 TRIPPLITE-B1261A0WP1 Datasheet
509Kb / 3P
   HDMI over Cat5-Cat6 Active Extender, Wallplate Remote Receiver Unit for Video and Audio, 1920x1200 at 60Hz-1080p
B126004 TRIPPLITE-B126004 Datasheet
543Kb / 3P
   4-Port HDMI over Cat5-Cat6 Extender Splitter,Box-Style Transmitter for Video and Audio,1920x1200 1080p at 60Hz
B126002 TRIPPLITE-B126002 Datasheet
519Kb / 3P
   2-Port HDMI over Cat5-Cat6 Extender Splitter,Box-Style Transmitter for Video and Audio,1920x1200 1080p at 60Hz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com