Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV07AFPEL Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LV07AFPEL
Description  Hex Buffers / Drivers with Open Drain Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV07AFPEL Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD74LV07AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LV07AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LV07AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LV07AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LV07AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LV07AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LV07AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LV07AFPEL Datasheet HTML 9Page - Renesas Technology Corp HD74LV07AFPEL Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HD74LV07A
Rev.6.00 Dec 22, 2005 page 4 of 7
Switching Characteristics
VCC = 2.5 ± 0.2 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
4.7
10.4
1.0
13.0
CL = 15 pF
tPLH
9.5
15.2
1.0
18.0
CL = 50 pF
5.4
10.4
1.0
13.0
CL = 15 pF
Propagation
delay time
tPHL
7.9
15.2
1.0
18.0
ns
CL = 50 pF
A
Y
VCC = 3.3 ± 0.3 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
4.0
7.1
1.0
8.5
CL = 15 pF
tPLH
7.3
10.6
1.0
12.0
CL = 50 pF
4.3
7.1
1.0
8.5
CL = 15 pF
Propagation
delay time
tPHL
5.8
10.6
1.0
12.0
ns
CL = 50 pF
A
Y
VCC = 5.0 ± 0.5 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
3.3
5.5
1.0
6.5
CL = 15 pF
tPLH
5.6
7.5
1.0
8.5
CL = 50 pF
3.4
5.5
1.0
6.5
CL = 15 pF
Propagation
delay time
tPHL
4.1
7.5
1.0
8.5
ns
CL = 50 pF
A
Y
Operating Characteristics
CL = 50 pF
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
3.3
9.6
Power dissipation capacitance
CPD
5.0
11.4
pF
f = 10 MHz
Noise Characteristics
CL = 50 pF
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
Quiet output, maximum
dynamic VOL
VOL (P)
3.3
0.3
0.8
V
Quiet output, minimum
dynamic VOL
VOL (V)
3.3
–0.1
–0.8
V
High-level dynamic input
voltage
VIH (D)
3.3
2.31
V
Low-level dynamic input
voltage
VIL (D)
3.3
0.99
V


Similar Part No. - HD74LV07AFPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV07AFPEL RENESAS-HD74LV07AFPEL Datasheet
94Kb / 8P
   Hex Buffers / Drivers with Open Drain Outputs
More results

Similar Description - HD74LV07AFPEL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC07A TI-SN74LVC07A Datasheet
685Kb / 19P
[Old version datasheet]   HEX BUFFERS DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LVC07A TI-SN54LVC07A Datasheet
395Kb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A Datasheet
314Kb / 11P
[Old version datasheet]   HEX BUFFERS / DRIVERS WITH OPEN - DRAIN OUTPUTS
SN54LV07A_101 TI-SN54LV07A_101 Datasheet
462Kb / 15P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A_10 Datasheet
463Kb / 15P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV07A TI-SN54LV07A_06 Datasheet
316Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Hitachi Semiconductor
HD74LV07A HITACHI-HD74LV07A Datasheet
45Kb / 11P
   Hex Buffers / Drivers with Open Drain Outputs
logo
Renesas Technology Corp
HD74LV07A RENESAS-HD74LV07A Datasheet
94Kb / 8P
   Hex Buffers / Drivers with Open Drain Outputs
logo
Texas Instruments
SN74LV07A TI1-SN74LV07A Datasheet
973Kb / 22P
[Old version datasheet]   Hex Buffers/Drivers With Open-Drain Outputs
logo
Unisonic Technologies
U74LVC06A UTC-U74LVC06A Datasheet
162Kb / 5P
   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com