Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LS14RPEL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LS14RPEL
Description  Hex Schmitt Trigger Inverters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS14RPEL Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LS14RPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LS14RPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LS14RPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LS14RPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LS14RPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LS14RPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LS14RPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LS14RPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LS14RPEL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
REJ03D0399-0400 Rev.4.00 Apr 07, 2009
Page 1 of 6
HD74LS14
Hex Schmitt Trigger Inverters
REJ03D0399-0400
Rev.4.00
Apr 07, 2009
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS14P
DILP-14 pin
PRDP0014AB-B
(DP-14AV)
P
HD74LS14FPEL
SOP-14 pin (JEITA)
PRSP0014DF-B
(FP-14DAV)
FP
EL (2,000 pcs/reel)
HD74LS14RPEL
SOP-14 pin (JEDEC)
PRSP0014DE-A
(FP-14DNV)
RP
EL (2,500 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Pin Arrangement
(Top view)
VCC
6A
6Y
5A
4A
5Y
1A
GND
1Y
2A
2Y
3A
3Y
4Y
1
2
3
4
5
6
7
14
8
9
10
11
12
13


Similar Part No. - HD74LS14RPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS14 HITACHI-HD74LS14 Datasheet
47Kb / 5P
   Hex Schmitt Trigger Inverters
HD74LS14 HITACHI-HD74LS14 Datasheet
6Mb / 273P
   Ouadruple 2-input Positive NAND Gates
logo
Renesas Technology Corp
HD74LS14 RENESAS-HD74LS14 Datasheet
78Kb / 6P
   Hex Schmitt Trigger Inverters
logo
Hitachi Semiconductor
HD74LS145 HITACHI-HD74LS145 Datasheet
67Kb / 6P
   BCD-to-Decimal Decoders / Drivers(with 15V outputs)
HD74LS145 HITACHI-HD74LS145 Datasheet
6Mb / 273P
   Ouadruple 2-input Positive NAND Gates
More results

Similar Description - HD74LS14RPEL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
RD74LVC14B RENESAS-RD74LVC14B Datasheet
64Kb / 7P
   Hex Schmitt-trigger Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com