Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFY240CM Datasheet(PDF) 1 Page - International Rectifier

Part # IRFY240CM
Description  POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.18ohm, Id=16A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFY240CM Datasheet(HTML) 1 Page - International Rectifier

  IRFY240CM Datasheet HTML 1Page - International Rectifier IRFY240CM Datasheet HTML 2Page - International Rectifier IRFY240CM Datasheet HTML 3Page - International Rectifier IRFY240CM Datasheet HTML 4Page - International Rectifier IRFY240CM Datasheet HTML 5Page - International Rectifier IRFY240CM Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRFY240CM
200V
0.18
16A
Provisional Data Sheet No. PD 9.1289B
HEXFET® POWER MOSFET
HEXFET technology is the key to International Rectifier’s
advanced line of power MOSFET transistors. The effi-
cient geometry design achieves very low on-state re-
sistance combined with high transconductance.
HEXFET transistors also feature all of the well-estab-
lished advantages of MOSFETs, such as voltage con-
trol, very fast switching, ease of paralleling and electri-
cal parameter temperature stability. They are well-suited
for applications such as switching power supplies, mo-
tor controls, inverters, choppers, audio amplifiers, high
energy pulse circuits, and virtually any application where
high reliability is required.
The HEXFET transistor’s totally isolated package elimi-
nates the need for additional isolating material between
the device and the heatsink. This improves thermal effi-
ciency and reduces drain capacitance.
IRFY240CM
Features
n Hermetically Sealed
n Electrically Isolated
n Simple Drive Requirements
n Ease of Paralleling
N-CHANNEL
200 Volt, 0.18
Ω HEXFET
Absolute Maximum Ratings
Parameter
IRFY240CM
Units
ID @ VGS=10V, TC = 25°C
Continuous Drain Current
16
ID @ VGS=10V, TC = 100°C
Continuous Drain Current
10.2
A
IDM
Pulsed Drain Current

64
PD @ TC = 25°C
Max. Power Dissipation
100
W
Linear Derating Factor
0.8
W/K
…
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalance Energy
‚
580
mJ
IAR
Avalance Current

16
A
EAR
Repetitive Avalanche Energy

10
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5
V/ns
TJ
Operating Junction
-55 to 150
Tstg
Storage Temperature Range
°C
LeadTemperature
300 (0.063 in (1.6mm) from
case for 10 sec)
Weight
4.3 (typical)
g
°C
n Ceramic Eyelets
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRFY240CM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFY240C SEME-LAB-IRFY240C Datasheet
11Kb / 1P
   N-Channel MOSFET in a Hermetically sealed TO257AB Metal Package.
logo
International Rectifier
IRFY240C IRF-IRFY240C Datasheet
219Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA
IRFY240C IRF-IRFY240C Datasheet
219Kb / 7P
   Simple Drive Requirements
IRFY240C IRF-IRFY240C_15 Datasheet
219Kb / 7P
   Simple Drive Requirements
More results

Similar Description - IRFY240CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFN240 IRF-IRFN240 Datasheet
223Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.18ohm, Id=18A)
JANTX2N6756 IRF-JANTX2N6756 Datasheet
236Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=14A)
IRFY130CM IRF-IRFY130CM Datasheet
338Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=14.4A)
JANTX2N6796 IRF-JANTX2N6796 Datasheet
236Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=8.0A)
IRHN7130 IRF-IRHN7130 Datasheet
508Kb / 14P
   TRANSISTOR N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=14)
IRFY044CM IRF-IRFY044CM Datasheet
281Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=60V, Rds(on)=0.040ohm, Id=16A*)
JANTX2N6790 IRF-JANTX2N6790 Datasheet
236Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.80ohm, Id=3.5A)
JANTX2N6798 IRF-JANTX2N6798 Datasheet
231Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.40ohm, Id=5.5A)
JANTX2N6766 IRF-JANTX2N6766 Datasheet
237Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.085ohm, Id=30A)
JANTX2N6784 IRF-JANTX2N6784 Datasheet
233Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=1.5ohm, Id=2.25A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com