Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU9214 Datasheet(PDF) 5 Page - International Rectifier

Part # IRFU9214
Description  Power MOSFET(Vdss=-250V, Rds(on)=3.0ohm, Id=-2.7A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU9214 Datasheet(HTML) 5 Page - International Rectifier

  IRFU9214 Datasheet HTML 1Page - International Rectifier IRFU9214 Datasheet HTML 2Page - International Rectifier IRFU9214 Datasheet HTML 3Page - International Rectifier IRFU9214 Datasheet HTML 4Page - International Rectifier IRFU9214 Datasheet HTML 5Page - International Rectifier IRFU9214 Datasheet HTML 6Page - International Rectifier IRFU9214 Datasheet HTML 7Page - International Rectifier IRFU9214 Datasheet HTML 8Page - International Rectifier IRFU9214 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRFR/U9214
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
Fig 10a. Switching Time Test Circuit
Fig 10b. Switching Time Waveforms
VDS
-10V
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
VDD
RG
D.U.T.
VDS
90%
10%
VGS
td(on)
tr
td(off)
tf
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T , Case Temperature ( C)
°
C
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
Notes:
1. Duty factor D =
t / t
2. Peak T
= P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLEPULSE
(THERMALRESPONSE)


Similar Part No. - IRFU9214

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFU9214 VISHAY-IRFU9214 Datasheet
155Kb / 8P
   Power MOSFET
S-81392-Rev. A, 07-Jul-08
logo
Kersemi Electronic Co.,...
IRFU9214 KERSEMI-IRFU9214 Datasheet
3Mb / 7P
   Power MOSFET
logo
Vishay Siliconix
IRFU9214 VISHAY-IRFU9214 Datasheet
268Kb / 13P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFU9214PBF IRF-IRFU9214PBF Datasheet
255Kb / 10P
   HEXFET POWER MOSFET ( VDSS = -250V , RDS(on) = 3.0廓 , ID = -2.7A )
logo
Vishay Siliconix
IRFU9214PBF VISHAY-IRFU9214PBF Datasheet
155Kb / 8P
   Power MOSFET
S-81392-Rev. A, 07-Jul-08
More results

Similar Description - IRFU9214

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR9214PBF IRF-IRFR9214PBF Datasheet
255Kb / 10P
   HEXFET POWER MOSFET ( VDSS = -250V , RDS(on) = 3.0廓 , ID = -2.7A )
IRFBE30 IRF-IRFBE30 Datasheet
167Kb / 6P
   Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)
IFRI820G IRF-IFRI820G Datasheet
168Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.1A)
IRF820S IRF-IRF820S Datasheet
172Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.5A)
IRF9610S IRF-IRF9610S Datasheet
163Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.8A)
IRFD9210 IRF-IRFD9210 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-0.40A)
IRFR9210 IRF-IRFR9210 Datasheet
172Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.9A)
IRFL014 IRF-IRFL014 Datasheet
176Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=2.7A)
IRFPE30 IRF-IRFPE30 Datasheet
165Kb / 6P
   Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)
IRFR420 IRF-IRFR420 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.4A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com