Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR9214 Datasheet(PDF) 2 Page - International Rectifier

Part # IRFR9214
Description  Power MOSFET(Vdss=-250V, Rds(on)=3.0ohm, Id=-2.7A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR9214 Datasheet(HTML) 2 Page - International Rectifier

  IRFR9214 Datasheet HTML 1Page - International Rectifier IRFR9214 Datasheet HTML 2Page - International Rectifier IRFR9214 Datasheet HTML 3Page - International Rectifier IRFR9214 Datasheet HTML 4Page - International Rectifier IRFR9214 Datasheet HTML 5Page - International Rectifier IRFR9214 Datasheet HTML 6Page - International Rectifier IRFR9214 Datasheet HTML 7Page - International Rectifier IRFR9214 Datasheet HTML 8Page - International Rectifier IRFR9214 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRFR/U9214
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-250
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
-0.25 –––
V/°C
Reference to 25°C, ID = -1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
3.0
VGS = -10V, ID = -1.7A
„
VGS(th)
Gate Threshold Voltage
-2.0
–––
-4.0
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
0.9
–––
–––
S
VDS = -50V, ID = -1.7A
–––
–––
-100
µA
VDS = -250V, VGS = 0V
–––
–––
-500
VDS = -200V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
14
ID = -1.7A
Qgs
Gate-to-Source Charge
–––
–––
3.1
nC
VDS = -200V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
6.8
VGS = -10V, See Fig. 6 and 13
„
td(on)
Turn-On Delay Time
–––
11
–––
VDD = -125V
tr
Rise Time
–––
14
–––
ID = -1.7A
td(off)
Turn-Off Delay Time
–––
20
–––
RG =21
tf
Fall Time
–––
17
–––
RD =70 See Fig. 10
„
Between lead,
–––
–––
6mm (0.25in.)
from package
and center of die contact
…
Ciss
Input Capacitance
–––
220
–––
VGS = 0V
Coss
Output Capacitance
–––
75
–––
pF
VDS = -25V
Crss
Reverse Transfer Capacitance
–––
11
–––
ƒ = 1.0MHz, See Fig. 5
Source-Drain Ratings and Characteristics
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
-5.8
V
TJ = 25°C, IS = -2.7A, VGS = 0V
„
trr
Reverse Recovery Time
–––
150
220
ns
TJ = 25°C, IF = -1.7A
Qrr
Reverse Recovery Charge
–––
870 1300
nC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
-2.7
-11
A
Notes:
** When mounted on 1" square PCB (FR-4 or G-10 Material ) .
For recommended footprint and soldering techniques refer to application note #AN-994
…This is applied for I-PAK, LS of D-PAK is measured between
lead and center of die contact
‚ Starting T
J = 25°C, L = 27 mH
RG = 25Ω, IAS = -2.7A. (See Figure 12)
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ ISD ≤ -2.7A, di/dt ≤ 600A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
S
D
G
nH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LD
Internal Drain Inductance
LS
Internal Source Inductance
–––
–––
IGSS
ns
4.5
7.5
IDSS
Drain-to-Source Leakage Current
S
D
G


Similar Part No. - IRFR9214

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFR9214 VISHAY-IRFR9214 Datasheet
155Kb / 8P
   Power MOSFET
S-81392-Rev. A, 07-Jul-08
logo
Kersemi Electronic Co.,...
IRFR9214 KERSEMI-IRFR9214 Datasheet
3Mb / 7P
   Power MOSFET
logo
Vishay Siliconix
IRFR9214 VISHAY-IRFR9214 Datasheet
268Kb / 13P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFR9214PBF IRF-IRFR9214PBF Datasheet
255Kb / 10P
   HEXFET POWER MOSFET ( VDSS = -250V , RDS(on) = 3.0廓 , ID = -2.7A )
logo
Vishay Siliconix
IRFR9214PBF VISHAY-IRFR9214PBF Datasheet
155Kb / 8P
   Power MOSFET
S-81392-Rev. A, 07-Jul-08
More results

Similar Description - IRFR9214

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR9214PBF IRF-IRFR9214PBF Datasheet
255Kb / 10P
   HEXFET POWER MOSFET ( VDSS = -250V , RDS(on) = 3.0廓 , ID = -2.7A )
IRFBE30 IRF-IRFBE30 Datasheet
167Kb / 6P
   Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)
IFRI820G IRF-IFRI820G Datasheet
168Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.1A)
IRF820S IRF-IRF820S Datasheet
172Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.5A)
IRF9610S IRF-IRF9610S Datasheet
163Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.8A)
IRFD9210 IRF-IRFD9210 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-0.40A)
IRFR9210 IRF-IRFR9210 Datasheet
172Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.9A)
IRFL014 IRF-IRFL014 Datasheet
176Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=2.7A)
IRFPE30 IRF-IRFPE30 Datasheet
165Kb / 6P
   Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)
IRFR420 IRF-IRFR420 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.4A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com