Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1261A1SR Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # B1261A1SR
Description  HDMI with Serial and IR Over Cat5-Cat6 Extender Kit, Extended Range Transmitter and Receiver, 3840 x 2160 4Kx2K UHD 1080p up to 60Hz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B1261A1SR Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  B1261A1SR Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B1261A1SR Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B1261A1SR Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Extend a 3840 x 2160 @ 24Hz signal up to 230 ft. (70 m.) using Cat6 cable (24AWG, Solid wire cable required, such as Tripp Lite's N202-Series)
Extend a 3840 x 2160 @ 24Hz signal up to 150 ft. (45.7 m.) using Cat5 cable (26AWG, Solid wire cable required, such as Tripp Lite's N001- and
N002-Series)
Extends a computer video signal of 1920 x 1200 @ 60Hz, or a HD signal of 1080p @ 60Hz, up to 328 ft. (100 m.) using Cat5e/6 patch cable (24AWG,
Solid wire cable required, such as Tripp Lite's N202-Series)
IR functionality allows you to use your HDMI source’s remote control in the same location as your extended monitor
Uses an IR frequency of 39 Khz
Extend a full duplex RS232 serial signal, such as from a touchscreen monitor, up to 328 ft. (100m) from the source
Supports RS232 serial baud rates up to 115kbps full duplex
Supports 7.1-channel surround sound, DTS-HD and Dolby True HD audio
HDCP and 3D compatible
Plug and play; no software or drivers required
Includes mounting hardware, allowing each unit to be wall mounted, rack mounted or pole mounted
Compliant with the Federal Trade Agreements Act ( TAA ) for GSA Schedule purchases
Specifications
General Info
RoHS
Y
OVERVIEW
Chromebook Compatible
Yes
Display Style
Extender
Model Type
HDMI
Cable Types
CAT5/CAT5E
PHYSICAL
Included Mounting Accessories
Y
Color
Black
ENVIRONMENTAL
Operating Temperature Range
0 to 40 C (32 to 104 F)
Storage Temperature Range
-20 to 60 C (-4 to 140 F)
Relative Humidity
20 to 90%
CONNECTIONS
Connector A
HDMI (FEMALE)
Connector B
RJ45 (FEMALE)
WARRANTY
2 / 3


Similar Part No. - B1261A1SR

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B1261A1 TRIPPLITE-B1261A1 Datasheet
527Kb / 3P
   HDMI over Cat5-Cat6 Active Extender Kit, Box-Style Transmitter and Receiver for Video and Audio, 1920x1200 at 60Hz-1080p
B1261A1WP TRIPPLITE-B1261A1WP Datasheet
510Kb / 3P
   HDMI over Cat5-Cat6 Extender Kit, Extended Range Wallplate Transmitter and Receiver for Video and Audio, 1920x1200 1080p at 60Hz
More results

Similar Description - B1261A1SR

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B1261A1WP TRIPPLITE-B1261A1WP Datasheet
510Kb / 3P
   HDMI over Cat5-Cat6 Extender Kit, Extended Range Wallplate Transmitter and Receiver for Video and Audio, 1920x1200 1080p at 60Hz
B165101 TRIPPLITE-B165101 Datasheet
489Kb / 2P
   Serial over Cat5-Cat6 RS232 Extender, Transmitter and Receiver
B1261A1 TRIPPLITE-B1261A1 Datasheet
527Kb / 3P
   HDMI over Cat5-Cat6 Active Extender Kit, Box-Style Transmitter and Receiver for Video and Audio, 1920x1200 at 60Hz-1080p
P167000 TRIPPLITE-P167000 Datasheet
505Kb / 2P
   HDMI over Dual Cat5-Cat6 Extender Wall Plate Kit with Transmitter and Receiver
B1401P1WP1 TRIPPLITE-B1401P1WP1 Datasheet
489Kb / 2P
   DVI over Cat5-Cat6 Passive Extender Wallplate Kit, Transmitter and Receiver, 1920x1080 60Hz
B12510160WP TRIPPLITE-B12510160WP Datasheet
492Kb / 2P
   HDMI over Dual Cat5-Cat6 Extender Kit, Wallplate Transmitter and Receiver for Video and Audio,1920x1200 1080p at 60Hz (HDMI M-F)
P167-000 TRIPPLITE-P167-000 Datasheet
165Kb / 3P
   HDMI over Dual Cat5/Cat6 Extender Wall Plate Kit with Transmitter and Receiver, TAA
B12510160 TRIPPLITE-B12510160 Datasheet
492Kb / 2P
   HDMI over Dual Cat5-Cat6 Extender Kit, In-Line Transmitter and Receiver for Video and Audio, 1920x1200 1080p at 60Hz (HDMI M-F)
B1401A1WP TRIPPLITE-B1401A1WP Datasheet
495Kb / 2P
   DVI over Cat5-Cat6 Active Extender Kit, Wallplate Transmitter and Receiver, 1920x1080 at 60Hz
B130101SWP TRIPPLITE-B130101SWP Datasheet
498Kb / 2P
   VGA with RS232 over Cat5-Cat6 Extender Kit,Wallplate Transmitter and Receiver, 1920x1440 at 60Hz, Up to 1000-ft.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com