Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU9024N Datasheet(PDF) 1 Page - International Rectifier

Part # IRFU9024N
Description  Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-11A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU9024N Datasheet(HTML) 1 Page - International Rectifier

  IRFU9024N Datasheet HTML 1Page - International Rectifier IRFU9024N Datasheet HTML 2Page - International Rectifier IRFU9024N Datasheet HTML 3Page - International Rectifier IRFU9024N Datasheet HTML 4Page - International Rectifier IRFU9024N Datasheet HTML 5Page - International Rectifier IRFU9024N Datasheet HTML 6Page - International Rectifier IRFU9024N Datasheet HTML 7Page - International Rectifier IRFU9024N Datasheet HTML 8Page - International Rectifier IRFU9024N Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRFR/U9024N
PRELIMINARY
HEXFET® Power MOSFET
6/26/97
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
3.3
RθJA
Junction-to-Ambient (PCB mount)**
–––
50
°C/W
RθJA
Junction-to-Ambient
–––
110
Thermal Resistance
D - P a k
TO - 2 52 A A
I- P a k
TO - 251A A
l Ultra Low On-Resistance
l P-Channel
l Surface Mount (IRFR9024N)
l Straight Lead (IRFU9024N)
l Advanced Process Technology
l Fast Switching
l Fully Avalanche Rated
Description
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ -10V
-11
ID @ TC = 100°C
Continuous Drain Current, VGS @ -10V
-8
A
IDM
Pulsed Drain Current

-44
PD @TC = 25°C
Power Dissipation
38
W
Linear Derating Factor
0.30
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
62
mJ
IAR
Avalanche Current

-6.6
A
EAR
Repetitive Avalanche Energy

3.8
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
-10
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use
in a wide variety of applications.
The D-Pak is designed for surface mounting using
vapor phase, infrared, or wave soldering techniques.
The straight lead version (IRFU series) is for through-
hole mounting applications. Power dissipation levels
up to 1.5 watts are possible in typical surface mount
applications.
PD - 9.1506
VDSS = -55V
RDS(on) = 0.175Ω
ID = -11A
S
D
G


Similar Part No. - IRFU9024N

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFU9024N KERSEMI-IRFU9024N Datasheet
2Mb / 10P
   Ultra Low On-Resistance
logo
Inchange Semiconductor ...
IRFU9024N ISC-IRFU9024N Datasheet
305Kb / 2P
   isc P-Channel MOSFET Transistor
logo
International Rectifier
IRFU9024NCPBF IRF-IRFU9024NCPBF Datasheet
1Mb / 10P
   HEXFET POWER MOSFET
logo
Kersemi Electronic Co.,...
IRFU9024NCPBF KERSEMI-IRFU9024NCPBF Datasheet
5Mb / 10P
   ULTRA LOW ON-RESISTANCE
IRFU9024NCPBF KERSEMI-IRFU9024NCPBF Datasheet
5Mb / 10P
   HEXFET Power MOSFET
More results

Similar Description - IRFU9024N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9Z24NS IRF-IRF9Z24NS Datasheet
168Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
IRF9Z24N IRF-IRF9Z24N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
IRFR9024NPBF IRF-IRFR9024NPBF Datasheet
1Mb / 11P
   HEXFET POWER MOSFET ( VDSS = -55V , RDS(on) = 0.175廓 , ID = -11A )
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRF9640 IRF-IRF9640 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
IRFP340 IRF-IRFP340 Datasheet
172Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=11A)
IRFPC50LC IRF-IRFPC50LC Datasheet
333Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRF9Z24S IRF-IRF9Z24S Datasheet
311Kb / 10P
   Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-11A)
448IRF IRF-448IRF Datasheet
168Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.60ohm, Id=11A)
IRF9640S IRF-IRF9640S Datasheet
170Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com