Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFRU5410 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFRU5410
Description  Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFRU5410 Datasheet(HTML) 1 Page - International Rectifier

  IRFRU5410 Datasheet HTML 1Page - International Rectifier IRFRU5410 Datasheet HTML 2Page - International Rectifier IRFRU5410 Datasheet HTML 3Page - International Rectifier IRFRU5410 Datasheet HTML 4Page - International Rectifier IRFRU5410 Datasheet HTML 5Page - International Rectifier IRFRU5410 Datasheet HTML 6Page - International Rectifier IRFRU5410 Datasheet HTML 7Page - International Rectifier IRFRU5410 Datasheet HTML 8Page - International Rectifier IRFRU5410 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRFR/U5410
HEXFET® Power MOSFET
VDSS = -100V
RDS(on) = 0.205W
ID = -13A
5/3/99
Parameter
Typ.
Max.
Units
RqJC
Junction-to-Case
–––
1.9
RqJA
Junction-to-Ambient (PCB mount)**
–––
50
°C/W
RqJA
Junction-to-Ambient
–––
110
Thermal Resistance
D-Pak
TO-252AA
I-Pak
TO-251AA
l
Ultra Low On-Resistance
l
P-Channel
l
Surface Mount (IRFR5410)
l
Straight Lead (IRFU5410)
l
Advanced Process Technology
l
Fast Switching
l
Fully Avalanche Rated
Description
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ -10V
-13
ID @ TC = 100°C
Continuous Drain Current, VGS @ -10V
-8.2
A
IDM
Pulsed Drain Current 
-52
PD @TC = 25°C
Power Dissipation
66
W
Linear Derating Factor
0.53
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy‚
194
mJ
IAR
Avalanche Current
-8.4
A
EAR
Repetitive Avalanche Energy
6.3
mJ
dv/dt
Peak Diode Recovery dv/dt ƒ
-5.0
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET Power MOSFETs are well
known for, provides the designer with an extremely efficient
and reliable device for use in a wide variety of applications.
The D-Pak is designed for surface mounting using vapor
phase, infrared, or wave soldering techniques. The straight
lead version (IRFU series) is for through-hole mounting
applications. Power dissipation levels up to 1.5 watts are
possible in typical surface mount applications.
S
D
G
PD - 9.1533A
www.irf.com
1


Similar Part No. - IRFRU5410

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFRU5305 IRF-IRFRU5305 Datasheet
156Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.065ohm, Id=-31A)
IRFRU5505 IRF-IRFRU5505 Datasheet
108Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A)
More results

Similar Description - IRFRU5410

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFRU6215 IRF-IRFRU6215 Datasheet
141Kb / 10P
   Power MOSFET(Vdss=-150V, Rds(on)=0.295ohm, Id=-13A)
IRFR13N20D IRF-IRFR13N20D Datasheet
181Kb / 10P
   Power MOSFET(Vdss=200V, Rds(on)max=0.235ohm, Id=13A)
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRF9520N IRF-IRF9520N Datasheet
95Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF9530NS IRF-IRF9530NS Datasheet
173Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRF3710S IRF-IRF3710S Datasheet
184Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.025ohm, Id=57A)
IRF5210 IRF-IRF5210 Datasheet
125Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.06ohm, Id=-40A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com