Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFRU4105 Datasheet(PDF) 7 Page - International Rectifier

Part # IRFRU4105
Description  Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=27A??
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFRU4105 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRFRU4105 Datasheet HTML 2Page - International Rectifier IRFRU4105 Datasheet HTML 3Page - International Rectifier IRFRU4105 Datasheet HTML 4Page - International Rectifier IRFRU4105 Datasheet HTML 5Page - International Rectifier IRFRU4105 Datasheet HTML 6Page - International Rectifier IRFRU4105 Datasheet HTML 7Page - International Rectifier IRFRU4105 Datasheet HTML 8Page - International Rectifier IRFRU4105 Datasheet HTML 9Page - International Rectifier IRFRU4105 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRFR/U4105
www.irf.com
7
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
Fig 14. For N-Channel HEXFETS
* VGS = 5V for Logic Level Devices
Peak Diode Recovery dv/dt Test Circuit
ƒ
„
‚
RG
VDD
• dv/dt controlled by R
G
• Driver same type as D.U.T.
• I
SD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer

*


Similar Part No. - IRFRU4105

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFRU024N IRF-IRFRU024N Datasheet
178Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=17A??
logo
Fairchild Semiconductor
IRFRU110A FAIRCHILD-IRFRU110A Datasheet
255Kb / 7P
   Advanced Power MOSFET
logo
International Rectifier
IRFRU1205 IRF-IRFRU1205 Datasheet
144Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=0.027ohm, Id=44A??
logo
Fairchild Semiconductor
IRFRU120A FAIRCHILD-IRFRU120A Datasheet
256Kb / 7P
   Advanced Power MOSFET
IRFRU120A FAIRCHILD-IRFRU120A Datasheet
258Kb / 7P
   Advanced Power MOSFET
More results

Similar Description - IRFRU4105

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFL4105 IRF-IRFL4105 Datasheet
168Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=0.045ohm, Id=3.7A)
IRFB41N15D IRF-IRFB41N15D Datasheet
193Kb / 11P
   Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRF3515S IRF-IRF3515S Datasheet
126Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
   Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFP054N IRF-IRFP054N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A??
IRFRU5505 IRF-IRFRU5505 Datasheet
108Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A)
IRFI3205 IRF-IRFI3205 Datasheet
107Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com