Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFRU024N Datasheet(PDF) 1 Page - International Rectifier

Part # IRFRU024N
Description  Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=17A??
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFRU024N Datasheet(HTML) 1 Page - International Rectifier

  IRFRU024N Datasheet HTML 1Page - International Rectifier IRFRU024N Datasheet HTML 2Page - International Rectifier IRFRU024N Datasheet HTML 3Page - International Rectifier IRFRU024N Datasheet HTML 4Page - International Rectifier IRFRU024N Datasheet HTML 5Page - International Rectifier IRFRU024N Datasheet HTML 6Page - International Rectifier IRFRU024N Datasheet HTML 7Page - International Rectifier IRFRU024N Datasheet HTML 8Page - International Rectifier IRFRU024N Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRFR/U024N
PRELIMINARY
HEXFET® Power MOSFET
S
D
G
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
3.3
RθJA
Case-to-Ambient (PCB mount)**
–––
50
°C/W
RθJA
Junction-to-Ambient
–––
110
Thermal Resistance
VDSS = 55V
RDS(on) = 0.075Ω
ID = 17A
…
Description
www.irf.com
1
D -P ak
TO -2 52 A A
I-P ak
TO -25 1 A A
l Ultra Low On-Resistance
l Surface Mount (IRFR024N)
l Straight Lead (IRFU024N)
l Advanced Process Technology
l Fast Switching
l Fully Avalanche Rated
Fifth Generation HEXFETs from International Rectifier utilize advanced
processing techniques to achieve the lowest possible on-resistance per
silicon area.
This benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power MOSFETs are well known for,
provides the designer with an extremely efficient device for use in a wide
variety of applications.
The D-PAK is designed for surface mounting using vapor phase, infrared, or
wave soldering techniques. The straight lead version (IRFU series) is for
through-hole mounting applications. Power dissipation levels up to 1.5 watts
are possible in typical surface mount applications.
** When mounted on 1" square PCB (FR-4 or G-10 Material ) .
For recommended footprint and soldering techniques refer to application note #AN-994
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
17
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
12
A
IDM
Pulsed Drain Current
†
68
PD @TC = 25°C
Power Dissipation
45
W
Linear Derating Factor
0.30
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚†
71
mJ
IAR
Avalanche Current

10
A
EAR
Repetitive Avalanche Energy

4.5
mJ
dv/dt
Peak Diode Recovery dv/dt
Ġ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
PD- 9.1336A


Similar Part No. - IRFRU024N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRFRU110A FAIRCHILD-IRFRU110A Datasheet
255Kb / 7P
   Advanced Power MOSFET
logo
International Rectifier
IRFRU1205 IRF-IRFRU1205 Datasheet
144Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=0.027ohm, Id=44A??
logo
Fairchild Semiconductor
IRFRU120A FAIRCHILD-IRFRU120A Datasheet
256Kb / 7P
   Advanced Power MOSFET
IRFRU120A FAIRCHILD-IRFRU120A Datasheet
258Kb / 7P
   Advanced Power MOSFET
IRFRU130A FAIRCHILD-IRFRU130A Datasheet
261Kb / 7P
   Advanced Power MOSFET
More results

Similar Description - IRFRU024N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFL024N IRF-IRFL024N Datasheet
110Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=2.8A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
   Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFZ24NS IRF-IRFZ24NS Datasheet
159Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFP264 IRF-IRFP264 Datasheet
168Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=0.075ohm, Id=38A)
IRFP250N IRF-IRFP250N Datasheet
122Kb / 8P
   Power MOSFET(Vdss = 200 V, Rds(on)=0.075ohm, Id=30A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRF530N IRF-IRF530N Datasheet
212Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=90mohm, Id=17A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com