Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD16780 Datasheet(PDF) 8 Page - NEC

Part # UPD16780
Description  288/300 OUTPUT TFT-LCD SOURCE DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16780 Datasheet(HTML) 8 Page - NEC

Back Button UPD16780 Datasheet HTML 4Page - NEC UPD16780 Datasheet HTML 5Page - NEC UPD16780 Datasheet HTML 6Page - NEC UPD16780 Datasheet HTML 7Page - NEC UPD16780 Datasheet HTML 8Page - NEC UPD16780 Datasheet HTML 9Page - NEC UPD16780 Datasheet HTML 10Page - NEC UPD16780 Datasheet HTML 11Page - NEC UPD16780 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet S12608EJ1V0DS00
8
µµµµ PD16780
7. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = +25
°°°°C, VSS1 =VSS2 = 0 V)
Parameter
Symbol
Rating
Unit
Logic Part Supply Voltage
VDD1
−0.3 to +7.0
V
Driver Part Supply Voltage
VDD2
−0.3 to +7.0
V
Input Voltage
VI
−0.3 to VDD1/2 + 0.3
V
Output Voltage
VO
−0.3 to VDD1/2 + 0.3
V
Operating Ambient Temperature
TA
−30 to +85
°C
Storage Temperature
Tstg
−55 to +125
°C
Caution
If the absolute maximum rating of even one of the above parameters is exceeded even
momentarily, the quality of the product may be degraded. Absolute maximum ratings, therefore,
specify the values exceeding which the product may be physically damaged. Be sure to use the
product within the range of the absolute maximum ratings.
Recommended Operating Range (TA =
−−−−30 to +85
°°°°C, VDD2 ≥≥≥≥ VDD1, VSS1 = VSS2 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Logic Part Supply Voltage
VDD1
3.0
5.5
V
Driver Part Supply Voltage
VDD2
4.5
5.0
5.5
V
Video Input Voltage
VVI
VSS2 + 0.2
VDD2
− 0.2
V
Driver Part Output Voltage
VO2
VSS2 + 0.2
VDD2
− 0.2
V
Maximum Clock Frequency
fMAX.
CLK
20
MHz
Output Load Capacitance
CL
1 output
50
pF


Similar Part No. - UPD16780

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16780 RENESAS-UPD16780 Datasheet
217Kb / 18P
   MOS INTEGRATED CIRCUIT
1998
UPD16780A RENESAS-UPD16780A Datasheet
246Kb / 18P
   MOS INTEGRATED CIRCUIT
1998
UPD16780AN-XXX RENESAS-UPD16780AN-XXX Datasheet
246Kb / 18P
   MOS INTEGRATED CIRCUIT
1998
UPD16780N RENESAS-UPD16780N Datasheet
217Kb / 18P
   MOS INTEGRATED CIRCUIT
1998
More results

Similar Description - UPD16780

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD16780 RENESAS-PD16780_15 Datasheet
218Kb / 18P
   288/300 OUTPUT TFT-LCD SOURCE DRIVER
PD16782A RENESAS-PD16782A_15 Datasheet
389Kb / 29P
   SOURCE DRIVER FOR 300/288-OUTPUT TFT-LCD
PD16782 RENESAS-PD16782_15 Datasheet
283Kb / 28P
   SOURCE DRIVER FOR 300/288-OUTPUT TFT-LCD (NAVIGATION, AUTOMOBILE LCD-TV)
logo
NEC
UPD16782 NEC-UPD16782 Datasheet
164Kb / 26P
   SOURCE DRIVER FOR 300/288-OUTPUT TFT-LCD(NAVIGATION, AUTOMOBILE LCD-TV)
logo
Renesas Technology Corp
PD16780A RENESAS-PD16780A_15 Datasheet
246Kb / 18P
   300 OUTPUT TFT-LCD SOURCE DRIVER
PD16640C RENESAS-PD16640C_15 Datasheet
238Kb / 18P
   300/309-OUTPUT TFT-LCD SOURCE DRIVER (64 GRAY SCALE)
logo
NEC
UPD16640C NEC-UPD16640C Datasheet
105Kb / 16P
   300/309-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE
logo
Renesas Technology Corp
PD16781 RENESAS-PD16781_15 Datasheet
237Kb / 18P
   480 OUTPUT TFT-LCD SOURCE DRIVER
logo
NEC
UPD160040 NEC-UPD160040 Datasheet
157Kb / 19P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040B NEC-UPD160040B Datasheet
156Kb / 19P
   384-OUTPUT TFT-LCD SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com