Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYA-T2518AZX-02 Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYA-T2518AZX-02
Description  Bargraph Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYA-T2518AZX-02 Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYA-T2518AZX-02 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYA-T2518AZX-02 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYA-T2518AZX-02 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYA-T2518AZX-02 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYA-T2518AZX-02 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Model No.
Rev.
■ -XX: REF Surface / Epoxy color
1
2
3
○ Black ○ Gray
○ Red
○ White ○ Red
○ Green
■ Mechanical Dimensions
Notes:
1. All pins are Φ0.51[.020]mm
2. Dimension in millimeter [inch], tolerance is ±0.25 [.010] and angle is ±1° unless otherwise noted.
3. Bending
≤Length*1%.
4.The specifications,characteristics and technical data described in the datasheet are subject to change without prior notice.
Page
2/5
FYA-T2518AZX-XX
A
Http://www.foryard.com
4
○ Green
○ Yellow
REF Surface Color
○ White
Epoxy Color
Color
Number
0
Model No.
:FYA-T2518AZX-XX
○ Water Clear


Similar Part No. - FYA-T2518AZX-02

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYA-T2518BZX-00 FORYARD-FYA-T2518BZX-00 Datasheet
382Kb / 5P
   Bargraph Digit Display
FYA-T2518BZX-01 FORYARD-FYA-T2518BZX-01 Datasheet
382Kb / 5P
   Bargraph Digit Display
FYA-T2518BZX-02 FORYARD-FYA-T2518BZX-02 Datasheet
382Kb / 5P
   Bargraph Digit Display
FYA-T2518BZX-03 FORYARD-FYA-T2518BZX-03 Datasheet
382Kb / 5P
   Bargraph Digit Display
FYA-T2518BZX-04 FORYARD-FYA-T2518BZX-04 Datasheet
382Kb / 5P
   Bargraph Digit Display
More results

Similar Description - FYA-T2518AZX-02

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYA-S30CZX-00 FORYARD-FYA-S30CZX-00 Datasheet
384Kb / 5P
   Bargraph Digit Display
FYA-S0212AZX-00 FORYARD-FYA-S0212AZX-00 Datasheet
387Kb / 5P
   Bargraph Digit Display
FYA-R1206CZX-00 FORYARD-FYA-R1206CZX-00 Datasheet
384Kb / 5P
   Bargraph Digit Display
FYA-R1408BZX-00 FORYARD-FYA-R1408BZX-00 Datasheet
399Kb / 5P
   Bargraph Digit Display
FYA-R2010BZX-00 FORYARD-FYA-R2010BZX-00 Datasheet
391Kb / 5P
   Bargraph Digit Display
FYA-S10AZX-00 FORYARD-FYA-S10AZX-00 Datasheet
384Kb / 5P
   Bargraph Digit Display
FYA-S10BZX-00 FORYARD-FYA-S10BZX-00 Datasheet
385Kb / 5P
   Bargraph Digit Display
FYA-T13AZX-XX FORYARD-FYA-T13AZX-XX Datasheet
407Kb / 5P
   Bargraph Digit Display
FYA-T056341AZX-XX FORYARD-FYA-T056341AZX-XX Datasheet
388Kb / 5P
   Bargraph Digit Display
FYA-R123010BZXX-XX FORYARD-FYA-R123010BZXX-XX Datasheet
436Kb / 5P
   Bargraph Digit Display
FYA-R1006AZX-00 FORYARD-FYA-R1006AZX-00 Datasheet
378Kb / 5P
   Bargraph Digit Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com