Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYA-T4625BZX-30 Datasheet(PDF) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYA-T4625BZX-30
Description  Bargraph Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYA-T4625BZX-30 Datasheet(HTML) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYA-T4625BZX-30 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYA-T4625BZX-30 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYA-T4625BZX-30 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYA-T4625BZX-30 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYA-T4625BZX-30 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Model No.
Rev.
Min
5
-40
-40
■ Electrical-Optical Characteristics
Color Code & Chip Characteristics:(Test Condition:IF=20mA)
Typ
H
Red
90nm
2.00
S
Hi Red
20nm
1.80
D
Super Red
20nm
1.90
E
Orange
35nm
1.90
A
Amber
35nm
1.90
Y
Yellow
35nm
1.90
G
Green
10nm
1.90
3.40
2.80
2.80
PG Pure Green
36nm
2.80
W
White
CCT:9500K
2.80
UHR Ultra Hi Red
20nm
1.90
UR Ultra Red
20nm
1.90
UE Ultra Orange
20nm
1.90
UA Ultra Amber
AlGaInP
20nm
1.90
2.50
UY Ultra Yellow
AlGaInP
20nm
1.90
2.50
UG Ultra Green
AlGaInP
30nm
1.90
2.50
PG Ultra Pure Green
InGaN
36nm
2.80
3.80
BG Ultra Bluish Green InGaN
36nm
2.80
3.80
30nm
2.80
30nm
2.80
UW Ultra White
CCT:9500K
2.80
Note:
1.Luminous Intensity is based on the Foryard standards.
2.Pay attention about static for InGaN
Page
4/5
(Ta=25
℃)
FYA-T4625BZX-XX
A
Model No.
:FYA-T4625BZX-XX
100
V
Pd
260~310
60~100
50~140~190
180~200
3.80
470nm
505nm
30~60~80
590nm
■ Absolute maximum ratings
(Ta=25
℃)
2.50
Storage Temperature
Topr
Max
Emitting Color
Dice
Material
2.50
GaAsP
2.50
AlGaAs/DH
650nm
2.50
Tstr
+85
Operating Temperature
Max
Unit
Test Condition
Peak Wave
Length(λP)
Spectral
Line
halfwidth(∆
λ1/2)
mA
mW
Standard brightness
Forward
Voltage(VF) Unit:V
30
AlGaInP
625nm
2.50
2.50
2.50
AlGaInP
460nm
520nm
InGaN
60nm
3.80
3.80
4.40
X=0.29,Y=0.30
3.80
UB
460nm
635nm
3.80
570nm
InGaN
X=0.29,Y=0.30
26~38
13~18
625nm
GaAsP
GaAsP
2.50
2.50
0.7~1(mw)
60~120
20~30
260~310
InGaN
InGaN
AlGaInP
640nm
30~60
520nm
430nm
6~12(mw)
40~100~150
B
Blue
InGaN
Ultra brightness
Http://www.foryard.com
Segment-to-Segment Luminous Intensity ratio(Iv-M)
1.5:1
610nm
6~12(mw)
4~6(mw)
470nm
80~90~120
3.80
80~90~120
Ultra Blue
3.80
mA
150
GaP
AlGaAs/SH
660nm
700nm
GaP
2.50
+85
13~18
14~18
570nm
590nm
15~20
14~20
610nm
1
Luminous
Intensity
(Iv)
Unit:mcd
Pulse Current
Ipeak
Duty=0.1mS,1KHz
Forward Current
IF
Power Dissipation
Symbol
Parameter
Value
Reverse Voltage
VR
IR=30


Similar Part No. - FYA-T4625BZX-30

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYA-T4625AZX-00 FORYARD-FYA-T4625AZX-00 Datasheet
382Kb / 5P
   Bargraph Digit Display
FYA-T4625AZX-01 FORYARD-FYA-T4625AZX-01 Datasheet
382Kb / 5P
   Bargraph Digit Display
FYA-T4625AZX-02 FORYARD-FYA-T4625AZX-02 Datasheet
382Kb / 5P
   Bargraph Digit Display
FYA-T4625AZX-03 FORYARD-FYA-T4625AZX-03 Datasheet
382Kb / 5P
   Bargraph Digit Display
FYA-T4625AZX-04 FORYARD-FYA-T4625AZX-04 Datasheet
382Kb / 5P
   Bargraph Digit Display
More results

Similar Description - FYA-T4625BZX-30

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYA-S30CZX-00 FORYARD-FYA-S30CZX-00 Datasheet
384Kb / 5P
   Bargraph Digit Display
FYA-S0212AZX-00 FORYARD-FYA-S0212AZX-00 Datasheet
387Kb / 5P
   Bargraph Digit Display
FYA-R1206CZX-00 FORYARD-FYA-R1206CZX-00 Datasheet
384Kb / 5P
   Bargraph Digit Display
FYA-R1408BZX-00 FORYARD-FYA-R1408BZX-00 Datasheet
399Kb / 5P
   Bargraph Digit Display
FYA-R2010BZX-00 FORYARD-FYA-R2010BZX-00 Datasheet
391Kb / 5P
   Bargraph Digit Display
FYA-S10AZX-00 FORYARD-FYA-S10AZX-00 Datasheet
384Kb / 5P
   Bargraph Digit Display
FYA-S10BZX-00 FORYARD-FYA-S10BZX-00 Datasheet
385Kb / 5P
   Bargraph Digit Display
FYA-T13AZX-XX FORYARD-FYA-T13AZX-XX Datasheet
407Kb / 5P
   Bargraph Digit Display
FYA-T056341AZX-XX FORYARD-FYA-T056341AZX-XX Datasheet
388Kb / 5P
   Bargraph Digit Display
FYA-R123010BZXX-XX FORYARD-FYA-R123010BZXX-XX Datasheet
436Kb / 5P
   Bargraph Digit Display
FYA-R1006AZX-00 FORYARD-FYA-R1006AZX-00 Datasheet
378Kb / 5P
   Bargraph Digit Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com