Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU3704 Datasheet(PDF) 6 Page - International Rectifier

Part # IRFU3704
Description  Power MOSFET(Vdss=20V, Rds(on)max=9.5mohm, Id=75A??
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU3704 Datasheet(HTML) 6 Page - International Rectifier

  IRFU3704 Datasheet HTML 1Page - International Rectifier IRFU3704 Datasheet HTML 2Page - International Rectifier IRFU3704 Datasheet HTML 3Page - International Rectifier IRFU3704 Datasheet HTML 4Page - International Rectifier IRFU3704 Datasheet HTML 5Page - International Rectifier IRFU3704 Datasheet HTML 6Page - International Rectifier IRFU3704 Datasheet HTML 7Page - International Rectifier IRFU3704 Datasheet HTML 8Page - International Rectifier IRFU3704 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRFR/U3704
6
www.irf.com
Fig 13. On-Resistance Vs. Gate Voltage
Fig 12. On-Resistance Vs. Drain Current
Fig 15a&b. Unclamped Inductive Test Circuit
and Waveforms
Fig 15c. Maximum Avalanche Energy
Vs. Drain Current
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VGS
QG
QGS
QGD
VG
Charge
t p
V (BR )DS S
I AS
R G
IAS
0.0 1
tp
D.U .T
L
VDS
+
-
VDD
DRIVER
A
15V
20 V
0
50
100
150
200
250
300
ID , Drain Current ( A )
0.005
0.010
0.015
0.020
VGS = 4.5V
VGS = 10V
4.0
5.0
6.0
7.0
8.0
9.0
10.0
VGS, Gate -to -Source Voltage (V)
0.006
0.007
0.008
0.009
0.010
ID = 35.5A
25
50
75
100
125
150
175
0
100
200
300
400
500
600
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
11.6A
23.8A
28.4A
Fig 14a&b. Basic Gate Charge Test Circuit
and Waveforms


Similar Part No. - IRFU3704

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU3704PBF IRF-IRFU3704PBF Datasheet
217Kb / 9P
   HEXFET Power MOSFET
IRFU3704PBF IRF-IRFU3704PBF Datasheet
226Kb / 10P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
IRFU3704Z IRF-IRFU3704Z Datasheet
225Kb / 11P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFU3704Z KERSEMI-IRFU3704Z Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3704Z KERSEMI-IRFU3704Z Datasheet
4Mb / 11P
   HEXFETPower MOSFET
More results

Similar Description - IRFU3704

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR3706 IRF-IRFR3706 Datasheet
133Kb / 10P
   Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=75A??
IRFB4710 IRF-IRFB4710 Datasheet
245Kb / 11P
   Power MOSFET(Vdss=100v, Rds(on)max=0.014ohm, Id=75A)
IRF7457 IRF-IRF7457 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=7.0mohm, Id=15A)
IRF7459 IRF-IRF7459 Datasheet
112Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=12A)
IRF3706 IRF-IRF3706 Datasheet
145Kb / 11P
   Power MOSFET(Vdss=20V, Rds(on)max=8.5mohm, Id=77A)
IRFR3711 IRF-IRFR3711 Datasheet
239Kb / 10P
   Power MOSFET(Vdss=20V, Rds(on)max=6.5mohm, Id=110A??
IRF7456 IRF-IRF7456 Datasheet
165Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=0.0065ohm, Id=16A)
IRF3704 IRF-IRF3704 Datasheet
125Kb / 10P
   Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A??
IRF3711 IRF-IRF3711 Datasheet
245Kb / 11P
   Power MOSFET(Vdss=20V, Rds(on)max=6.0mohm, Id=110A??
IRL3714 IRF-IRL3714 Datasheet
127Kb / 11P
   Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com