Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU2405 Datasheet(PDF) 6 Page - International Rectifier

Part # IRFU2405
Description  Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=56A??
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU2405 Datasheet(HTML) 6 Page - International Rectifier

Back Button IRFU2405 Datasheet HTML 2Page - International Rectifier IRFU2405 Datasheet HTML 3Page - International Rectifier IRFU2405 Datasheet HTML 4Page - International Rectifier IRFU2405 Datasheet HTML 5Page - International Rectifier IRFU2405 Datasheet HTML 6Page - International Rectifier IRFU2405 Datasheet HTML 7Page - International Rectifier IRFU2405 Datasheet HTML 8Page - International Rectifier IRFU2405 Datasheet HTML 9Page - International Rectifier IRFU2405 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.irf.com
IRFR/U2405
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (B R)DSS
I AS
R G
IAS
0.01
tp
D.U.T
L
V DS
+
-
VDD
DRIV E R
A
15 V
20V
25
50
75
100
125
150
175
0
40
80
120
160
200
240
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
14A
24A
34A


Similar Part No. - IRFU2405

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFU2405 KERSEMI-IRFU2405 Datasheet
901Kb / 10P
   Surface Mount (IRFR2405)
logo
Inchange Semiconductor ...
IRFU2405 ISC-IRFU2405 Datasheet
247Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFU2405PBF IRF-IRFU2405PBF Datasheet
217Kb / 10P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFU2405PBF KERSEMI-IRFU2405PBF Datasheet
3Mb / 10P
   Surface Mount (IRFR2405) Straight Lead (IRFU2405) Advanced Process Technology
logo
International Rectifier
IRFU2405PBF IRF-IRFU2405PBF Datasheet
226Kb / 11P
   Advanced Process Technology
More results

Similar Description - IRFU2405

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP048N IRF-IRFP048N Datasheet
117Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=64A)
IRFIZ48N IRF-IRFIZ48N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=36A)
IRF5NJZ48 IRF-IRF5NJZ48 Datasheet
116Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.016ohm, Id=22A*)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
   Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
   Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFB260N IRF-IRFB260N Datasheet
90Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.040ohm, Id=56A)
IRFP054N IRF-IRFP054N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A??
IRFRU5505 IRF-IRFRU5505 Datasheet
108Kb / 10P
   Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com