Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR2407 Datasheet(PDF) 7 Page - International Rectifier

Part # IRFR2407
Description  Power MOSFET(Vdss=75V, Rds(on)=0.026ohm, Id=42A??
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR2407 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRFR2407 Datasheet HTML 2Page - International Rectifier IRFR2407 Datasheet HTML 3Page - International Rectifier IRFR2407 Datasheet HTML 4Page - International Rectifier IRFR2407 Datasheet HTML 5Page - International Rectifier IRFR2407 Datasheet HTML 6Page - International Rectifier IRFR2407 Datasheet HTML 7Page - International Rectifier IRFR2407 Datasheet HTML 8Page - International Rectifier IRFR2407 Datasheet HTML 9Page - International Rectifier IRFR2407 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.irf.com
7
IRFR/U2407
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
Fig 14. For N-Channel HEXFET® Power MOSFETs
* VGS = 5V for Logic Level Devices
Peak Diode Recovery dv/dt Test Circuit
ƒ
„
‚
RG
VDD
• dv/dt controlled by R
G
• Driver same type as D.U.T.
• I
SD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer

*


Similar Part No. - IRFR2407

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR2407 IRF-IRFR2407 Datasheet
140Kb / 11P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRFR2407 KERSEMI-IRFR2407 Datasheet
3Mb / 10P
   Power MOSFET
IRFR2407 KERSEMI-IRFR2407 Datasheet
3Mb / 10P
   Surface Mount (IRFR2407)
logo
Lucky Light Electronic
IRFR2407 LUCKY-LIGHT-IRFR2407 Datasheet
3Mb / 10P
   Power MOSFET
logo
Inchange Semiconductor ...
IRFR2407 ISC-IRFR2407 Datasheet
334Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IRFR2407

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRFR4104 IRF-IRFR4104 Datasheet
182Kb / 11P
   Power MOSFET(Vdss=40V, Rds(on)=5.5mohm, Id=42A)
IRFP150N IRF-IRFP150N Datasheet
135Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.035W, Id=42A)
IRF1310NS IRF-IRF1310NS Datasheet
156Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF3808 IRF-IRF3808 Datasheet
131Kb / 9P
   Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=140A??
IRF1407S IRF-IRF1407S Datasheet
159Kb / 11P
   Power MOSFET(Vdss = 75V, Rds(on) = 0.0078?? Id = 100A??
IRFP2907 IRF-IRFP2907 Datasheet
115Kb / 9P
   Power MOSFET(Vdss=75V, Rds(on)=4.5mohm, Id=209A??
IRF1407 IRF-IRF1407 Datasheet
127Kb / 9P
   Power MOSFET(Vdss=75V, Rds(on)=0.0078ohm, Id=130A??
IRF1607 IRF-IRF1607 Datasheet
234Kb / 9P
   Power MOSFET(Vdss=75V, Rds(on)=0.0075ohm, Id=142A??
IRFR2905ZPBF IRF-IRFR2905ZPBF Datasheet
278Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 14.5m廓 , ID = 42A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com