Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P580010 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # P580010
Description  DisplayPort Cable with Latches (M-M), 10-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P580010 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  P580010 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P580010 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INPUT
Cable Length (ft.)
10
Cable Length (m)
3.05
PHYSICAL
Color
Black
CONNECTIONS
Connector A
DISPLAYPORT (MALE)
Connector B
DISPLAYPORT (MALE)
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2


Similar Part No. - P580010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P580015 TRIPPLITE-P580015 Datasheet
483Kb / 2P
   DisplayPort Cable with Latches (M/M), 15-ft
More results

Similar Description - P580010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P580050 TRIPPLITE-P580050 Datasheet
483Kb / 2P
   DisplayPort Cable with Latches (M-M) 50-ft
P580-030 TRIPPLITE-P580-030 Datasheet
157Kb / 2P
   DisplayPort Cable with Latches (M/M) 30-ft.
P580015 TRIPPLITE-P580015 Datasheet
483Kb / 2P
   DisplayPort Cable with Latches (M/M), 15-ft
P580100 TRIPPLITE-P580100 Datasheet
484Kb / 2P
   DisplayPort Cable with Latches (M-M) 100-ft.
P580020 TRIPPLITE-P580020 Datasheet
483Kb / 2P
   DisplayPort Cable with Latches (M/M) 20-ft
P580-050 TRIPPLITE-P580-050 Datasheet
157Kb / 2P
   DisplayPort Cable with Latches (M/M) 50-ft.
P580-100 TRIPPLITE-P580-100 Datasheet
157Kb / 2P
   DisplayPort Cable with Latches (M/M) 100-ft.
P580025 TRIPPLITE-P580025 Datasheet
483Kb / 2P
   DisplayPort Cable with Latches (M/M) 25-ft
P580-100 TRIPPLITE-P580-100_V01 Datasheet
35Kb / 2P
   DisplayPort Cable with Latches (M/M) 100 ft. (30.5 m)
P580-050 TRIPPLITE-P580-050_V01 Datasheet
35Kb / 2P
   DisplayPort Cable with Latches (M/M) 50 ft. (15.24 m)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com