Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR1N60A Datasheet(PDF) 9 Page - International Rectifier

Part # IRFR1N60A
Description  Power MOSFET(Vdss=600V, Rds(on)max=7.0ohm, Id=1.4A)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR1N60A Datasheet(HTML) 9 Page - International Rectifier

  IRFR1N60A Datasheet HTML 1Page - International Rectifier IRFR1N60A Datasheet HTML 2Page - International Rectifier IRFR1N60A Datasheet HTML 3Page - International Rectifier IRFR1N60A Datasheet HTML 4Page - International Rectifier IRFR1N60A Datasheet HTML 5Page - International Rectifier IRFR1N60A Datasheet HTML 6Page - International Rectifier IRFR1N60A Datasheet HTML 7Page - International Rectifier IRFR1N60A Datasheet HTML 8Page - International Rectifier IRFR1N60A Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRFR/U1N60A
www.irf.com
9
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
6.73 (.265)
6.35 (.250)
- A -
6.22 (.245)
5.97 (.235)
- B -
3X
0.89 (.035)
0.64 (.025)
0.25 (.010)
M A M B
2.28 (.090)
1.14 (.045)
0.76 (.030)
5.46 (.215)
5.21 (.205)
1.27 (.050)
0.88 (.035)
2.38 (.094)
2.19 (.086)
1.14 (.045)
0.89 (.035)
0.58 (.023)
0.46 (.018)
LEAD ASSIGNMENTS
1 - GATE
2 - DRAIN
3 - SOURCE
4 - DRAIN
NOTES:
1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982.
2 CONTROLLING DIMENSION : INCH.
3 CONFORMS TO JEDEC OUTLINE TO-252AA.
4 DIMENSIONS SHOWN ARE BEFORE SOLDER DIP,
SOLDER DIP MAX. +0.16 (.006).
9.65 (.380)
8.89 (.350)
2X
3X
2.28 (.090)
1.91 (.075)
1.52 (.060)
1.15 (.045)
4
1
2
3
6.45 (.245)
5.68 (.224)
0.58 (.023)
0.46 (.018)
WEEK = 16
DATE CODE
YEAR = 0
Notes: This part marking information applies to devices produced before 02/26/2001
EXAMPLE:
LOT CODE 9U1P
THIS IS AN IRFR120
WITH ASSEMBLY
ASSEMBLY
INTERNATIONAL
RECTIFIER
LOGO
LOT CODE
IRFU120
9U
1P
016
INTERNATIONAL
LOGO
RECTIFIER
LOT CODE
ASSEMBLY
EXAMPLE:
WITH ASSEMBLY
THIS IS AN IRFR120
YEAR 9 = 1999
DATE CODE
LINE A
WEEK 19
IN THE ASSEMBLY LINE "A"
ASSEMBLED ON WW 19, 1999
LOT CODE 5678
PART NUMBER
Notes: This part marking information applies to devices produced after 02/26/2001
56
IRFU120
919A
78


Similar Part No. - IRFR1N60A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR1N60A IRF-IRFR1N60A Datasheet
181Kb / 10P
   SMPS MOSFET
logo
Vishay Siliconix
IRFR1N60A VISHAY-IRFR1N60A Datasheet
156Kb / 8P
   Power MOSFET
S-81367-Rev. A, 21-Jul-08
logo
Kersemi Electronic Co.,...
IRFR1N60A KERSEMI-IRFR1N60A Datasheet
2Mb / 7P
   Power MOSFET
logo
Lucky Light Electronic
IRFR1N60A LUCKY-LIGHT-IRFR1N60A Datasheet
2Mb / 7P
   Power MOSFET
logo
Inchange Semiconductor ...
IRFR1N60A ISC-IRFR1N60A Datasheet
333Kb / 2P
   iscN-Channel MOSFET Transistor
More results

Similar Description - IRFR1N60A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFRU9310 IRF-IRFRU9310 Datasheet
116Kb / 10P
   Power MOSFET(Vdss=-400V, Rds(on)=7.0ohm, Id=-1.8A)
IRFIBE20G IRF-IRFIBE20G Datasheet
168Kb / 6P
   Power MOSFET(Vdss=800V, Rds(on)=6.5ohm, Id=1.4A)
IRFPC50A IRF-IRFPC50A Datasheet
95Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)max=0.58ohm, Id=11A)
IRFBC40A IRF-IRFBC40A Datasheet
97Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)
IRFBC30A IRF-IRFBC30A Datasheet
101Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A)
IRFBC30AS IRF-IRFBC30AS Datasheet
147Kb / 10P
   Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A)
IRFBG20 IRF-IRFBG20 Datasheet
169Kb / 6P
   Power MOSFET(Vdss=1000V, Rds(on)=11ohm, Id=1.4A)
IRFBC40AS IRF-IRFBC40AS Datasheet
111Kb / 9P
   Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)
IRFIB6N60A IRF-IRFIB6N60A Datasheet
149Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)max=0.75ohm, Id=5.5A)
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com