Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP82N10PUF Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # NP82N10PUF
Description  MOS FIELD EFFECT TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP82N10PUF Datasheet(HTML) 6 Page - Renesas Technology Corp

  NP82N10PUF_15 Datasheet HTML 1Page - Renesas Technology Corp NP82N10PUF_15 Datasheet HTML 2Page - Renesas Technology Corp NP82N10PUF_15 Datasheet HTML 3Page - Renesas Technology Corp NP82N10PUF_15 Datasheet HTML 4Page - Renesas Technology Corp NP82N10PUF_15 Datasheet HTML 5Page - Renesas Technology Corp NP82N10PUF_15 Datasheet HTML 6Page - Renesas Technology Corp NP82N10PUF_15 Datasheet HTML 7Page - Renesas Technology Corp NP82N10PUF_15 Datasheet HTML 8Page - Renesas Technology Corp NP82N10PUF_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NP82N10PUF
Chapter Title
R07DS0444EJ0100 Rev.1.00
Page 6 of 7
Aug 26, 2011
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
0
5
10
15
20
25
30
35
-100
-50
0
50
100
150
200
Pulsed
VGS = 10 V
ID = 41 A
VGS = 5.8 V
ID = 18 A
Tch - Channel Temperature -
°C
1
10
100
1000
10000
0.01
0.1
1
10
100
Ciss
Coss
Crss
VGS = 0 V
f = 1 MHz
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
1
10
100
1000
0.1
1
10
100
VDD = 50 V
VGS = 10 V
RG = 0 Ω
td(off)
td(on)
tr
tf
ID - Drain Current - A
0
20
40
60
80
100
120
0
1020
3040506070
0
2
4
6
8
10
12
VGS
VDS
VDD = 80 V
50 V
20 V
ID =82 A
QG - Gate Charge - nC
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
REVERSE RECOVERY TIME vs.
DRAIN CURRENT
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
Pulsed
0 V
VGS = 10 V
VF(S-D) - Source to Drain Voltage - V
1
10
100
0.1
1
10
100
di/dt = 100A/µs
VGS = 0 V
IF - Drain Current - A


Similar Part No. - NP82N10PUF_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP82N10PUF-E1-AY RENESAS-NP82N10PUF-E1-AY Datasheet
251Kb / 9P
   MOS FIELD EFFECT TRANSISTOR
NP82N10PUF-E2-AY RENESAS-NP82N10PUF-E2-AY Datasheet
251Kb / 9P
   MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - NP82N10PUF_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com