Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFPS3810 Datasheet(PDF) 3 Page - International Rectifier

Part # IRFPS3810
Description  Power MOSFET(Vdss=100V, Rds(on)=0.009ohm, Id=170A??
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFPS3810 Datasheet(HTML) 3 Page - International Rectifier

  IRFPS3810 Datasheet HTML 1Page - International Rectifier IRFPS3810 Datasheet HTML 2Page - International Rectifier IRFPS3810 Datasheet HTML 3Page - International Rectifier IRFPS3810 Datasheet HTML 4Page - International Rectifier IRFPS3810 Datasheet HTML 5Page - International Rectifier IRFPS3810 Datasheet HTML 6Page - International Rectifier IRFPS3810 Datasheet HTML 7Page - International Rectifier IRFPS3810 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRFPS3810
www.irf.com
3
APPROVED
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.01
0.1
1
10
100
1000
0.1
1
10
100
50µs PULSE WIDTH
T = 25 C
J
°
TOP
BOTTOM
VGS
15V
12V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
V
, Drain-to-Source Voltage (V)
DS
5.0V
1
10
100
1000
0.1
1
10
100
50µs PULSE WIDTH
T = 175 C
J
°
TOP
BOTTOM
VGS
15V
12V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
V
, Drain-to-Source Voltage (V)
DS
5.0V
1
10
100
1000
5
6
7
8
9
10
11
12
13
V
= 50V
50µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 175 C
J
°
-60 -40 -20
0
20 40 60 80 100 120 140 160 180
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
170A


Similar Part No. - IRFPS3810

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS3810PBF IRF-IRFPS3810PBF Datasheet
173Kb / 8P
   HEXFET짰 Power MOSFET
IRFPS3810PBF IRF-IRFPS3810PBF Datasheet
178Kb / 8P
   Advanced Process Technology
IRFPS3810PBF IRF-IRFPS3810PBF_15 Datasheet
178Kb / 8P
   Advanced Process Technology
More results

Similar Description - IRFPS3810

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1104 IRF-IRF1104 Datasheet
101Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A??
IRF1704 IRF-IRF1704 Datasheet
102Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=170A??
IRFP064 IRF-IRFP064 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.009ohm, Id=70*A)
IRF2204SPBF IRF-IRF2204SPBF Datasheet
256Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 3.6m廓 , ID = 170A )
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
IRF9520N IRF-IRF9520N Datasheet
95Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com