Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD16732A Datasheet(PDF) 1 Page - NEC

Part # UPD16732A
Description  384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16732A Datasheet(HTML) 1 Page - NEC

  UPD16732A Datasheet HTML 1Page - NEC UPD16732A Datasheet HTML 2Page - NEC UPD16732A Datasheet HTML 3Page - NEC UPD16732A Datasheet HTML 4Page - NEC UPD16732A Datasheet HTML 5Page - NEC UPD16732A Datasheet HTML 6Page - NEC UPD16732A Datasheet HTML 7Page - NEC UPD16732A Datasheet HTML 8Page - NEC UPD16732A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
©
1999
MOS INTEGRATED CIRCUIT
µµµµ PD16732A, 16732B
384-OUTPUT TFT-LCD SOURCE DRIVER
(COMPATIBLE WITH 64-GRAY SCALES)
Document No. S13972EJ3V0DS00 (3rd edition)
Date Published August 1999 NS CP(K)
Printed in Japan
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
The mark 5 shows major revised points.
DESCRIPTION
The
µ PD16732A, 16732B are a source driver for TFT-LCDs capable of dealing with displays with 64-gray scales.
Data input is based on digital input configured as 6 bits by 6 dots (2 pixels), which can realize a full-color display of
260,000 colors by output of 64 values
γ -corrected by an internal D/A converter and 5-by-2 external power modules.
Because the output dynamic range is as large as VSS2 + 0.1 V to VDD2 – 0.1 V, level inversion operation of the LCD’s
common electrode is rendered unnecessary. Also, to be able to deal with dot-line inversion, n-line inversion and
column line inversion when mounted on a single side, this source driver is equipped with a built-in 6-bit D/A converter
circuit whose odd output pins and even output pins respectively output gray scale voltages of differing polarity.
Assuring a maximum clock frequency of 65 MHz when driving at 3.0 V, 45 MHz when driving at 2.3 V, this driver is
applicable to XGA-standard TFT-LCD panels and SXGA TFT-LCD panels by input display signal 2 systems (Clock
divide).
FEATURES
CMOS level input (2.3 V to 3.6 V)
384 Outputs
Input of 6 bits (gradation data) by 6 dots
Capable of outputting 64 values by means of 5-by-2 external power modules (10 units) and
a D/A converter (R-DAC)
High-speed data transfer: fMAX. = 65 MHz (internal data transfer speed when operating at VDD1
= 3.0 V)
Output dynamic range VSS2 + 0.1 V to VDD2 – 0.1 V
Apply for dot-line inversion, n-line inversion and column line inversion
Output Voltage polarity inversion function (POL)
Display data inversion function (POL2)
Low power control function (LPC)
Logic power supply voltage (VDD1) : 2.3 V to 3.6 V
Driver power supply voltage (VDD2) : 8.5
± 0.5 V
Different point between
µ PD16732A, 16732B : The ladder resistors value(Refer to 5. RELATIONSHIP
BETWEEN INPUT DATA AND OUTPUT VOLTAGE VALUE)
ORDERING INFORMATION
Part Number
Package
µ PD16732AN-×××
TCP (TAB package)
µ PD16732BN-×××
TCP (TAB package)
Remark
The TCP’s external shape is customized.
To order the required shape, please contact an NEC
salesperson.


Similar Part No. - UPD16732A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16732A RENESAS-UPD16732A Datasheet
358Kb / 26P
   MOS INTEGRATED CIRCUIT
1999
UPD16732AN-XXX RENESAS-UPD16732AN-XXX Datasheet
358Kb / 26P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD16732A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16716 NEC-UPD16716 Datasheet
155Kb / 20P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
Renesas Technology Corp
PD160061A RENESAS-PD160061A_15 Datasheet
719Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
NEC
UPD16715A NEC-UPD16715A Datasheet
120Kb / 16P
   384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
logo
Renesas Technology Corp
PD16732D RENESAS-PD16732D_15 Datasheet
298Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD16715A RENESAS-PD16715A_15 Datasheet
253Kb / 18P
   384-OUTPUT TFT-LCD SOURCE DRIVER(COMPATIBLE WITH 64-GRAY SCALES)
PD160061 RENESAS-PD160061_15 Datasheet
363Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD16647 RENESAS-PD16647_15 Datasheet
241Kb / 18P
   402/384-OUTPUT TFT-LCD SOURCE DRIVER (64-GRAY SCALES)
PD16754 RENESAS-PD16754_15 Datasheet
272Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
PD16753 RENESAS-PD16753_15 Datasheet
279Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
PD160040 RENESAS-PD160040_15 Datasheet
295Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com