Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFPC60 Datasheet(PDF) 6 Page - International Rectifier

Part # IRFPC60
Description  Power MOSFET(Vdss=600V, Rds(on)=0.40ohm, Id=16A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFPC60 Datasheet(HTML) 6 Page - International Rectifier

  IRFPC60 Datasheet HTML 1Page - International Rectifier IRFPC60 Datasheet HTML 2Page - International Rectifier IRFPC60 Datasheet HTML 3Page - International Rectifier IRFPC60 Datasheet HTML 4Page - International Rectifier IRFPC60 Datasheet HTML 5Page - International Rectifier IRFPC60 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image


Similar Part No. - IRFPC60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFPC60 VISHAY-IRFPC60 Datasheet
2Mb / 8P
   Power MOSFET
Rev. A, 21-Jul-08
IRFPC60 VISHAY-IRFPC60 Datasheet
2Mb / 11P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFPC60LC IRF-IRFPC60LC Datasheet
343Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)=0.40ohm, Id=16A)
logo
Vishay Siliconix
IRFPC60LC VISHAY-IRFPC60LC Datasheet
640Kb / 8P
   Power MOSFET
Rev. A, 16-Jun-08
logo
Inchange Semiconductor ...
IRFPC60LC ISC-IRFPC60LC Datasheet
444Kb / 2P
   iscN-Channel MOSFET Transistor
More results

Similar Description - IRFPC60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPC60LC IRF-IRFPC60LC Datasheet
343Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)=0.40ohm, Id=16A)
IRC IRF-IRC Datasheet
229Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRL630 IRF-IRL630 Datasheet
324Kb / 8P
   Power MOSFET(Vdss=200V, RdS(on)=0.40ohm, Id=9.0A)
IRF630 IRF-IRF630 Datasheet
176Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRFI630G IRF-IRFI630G Datasheet
176Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=5.9A)
IRFP450LC IRF-IRFP450LC Datasheet
340Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A)
IRLI630G IRF-IRLI630G Datasheet
337Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=6.2A)
IRL630S IRF-IRL630S Datasheet
352Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRFP450 IRF-IRFP450 Datasheet
169Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A)
IRFP450A IRF-IRFP450A Datasheet
101Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.40ohm, Id=14A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com