Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T8322AD Datasheet(PDF) 7 Page - Taiwan Memory Technology

Part # T8322AD
Description  PWM Control 1500mA Step-Down Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T8322AD Datasheet(HTML) 7 Page - Taiwan Memory Technology

Back Button T8322AD Datasheet HTML 2Page - Taiwan Memory Technology T8322AD Datasheet HTML 3Page - Taiwan Memory Technology T8322AD Datasheet HTML 4Page - Taiwan Memory Technology T8322AD Datasheet HTML 5Page - Taiwan Memory Technology T8322AD Datasheet HTML 6Page - Taiwan Memory Technology T8322AD Datasheet HTML 7Page - Taiwan Memory Technology T8322AD Datasheet HTML 8Page - Taiwan Memory Technology T8322AD Datasheet HTML 9Page - Taiwan Memory Technology T8322AD Datasheet HTML 10Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TE
CH
tm
Preliminary T8322AD
TM Technology, Inc. reserves the right
P. 7
Publication Date: Sep . 2014
to change products or specifications without notice.
Revision:C
Applications Information
Setting nominal average output current with external resistor RS
The nominal average output current in the LED(s) is determined by the value of the external current
sense resistor (RS) connected between VIN and ISENSE and is given by:
IOUTnom = 0.1/RS [for RS ≥ 0.066 ohm]
The table below gives values of nominal average output current for several preferred values of
current setting resistor (RS) in the typical application circuit :
RS (ohm)
0.067
0.125
0.2
0.285
Nominal average
output current (mA)
1500
800
500
350
The above values assume that the EN pin is floating.
Note: that RS = 0.125 ohm is the minimum allowed value of sense resistor under these conditions to
maintain switch current below the specified maximum value.
Shutdown mode
Taking the EN pin to a voltage below 0.5V for more than approximately 100us, will turn off the
output and supply current will fall to a low standby level of 35uA nominal.


Similar Part No. - T8322AD

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
T8322C MOLEX11-T8322C Datasheet
24Kb / 1P
   Terminator Die
More results

Similar Description - T8322AD

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T8309AD TMT-T8309AD Datasheet
128Kb / 10P
   PWM Control 1500mA Step-Down Converter
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1530 DIODES-AP1530 Datasheet
230Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1530 Rev. 1
AP1510 DIODES-AP1510_09 Datasheet
270Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 7
logo
Unisonic Technologies
P1886 UTC-P1886 Datasheet
201Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P1986 UTC-P1986 Datasheet
196Kb / 6P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
FOSLINK SEMICONDUCTOR C...
FSP3130 FOSLINK-FSP3130 Datasheet
228Kb / 7P
   PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3132 FOSLINK-FSP3132 Datasheet
198Kb / 6P
   PWM CONTROL 5A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
logo
Unisonic Technologies
P3586 UTC-P3586_17 Datasheet
332Kb / 6P
   PWM CONTROL 3A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com