Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T8308 Datasheet(PDF) 5 Page - Taiwan Memory Technology

Part # T8308
Description  PWM Control 800mA Step-Down Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T8308 Datasheet(HTML) 5 Page - Taiwan Memory Technology

  T8308 Datasheet HTML 1Page - Taiwan Memory Technology T8308 Datasheet HTML 2Page - Taiwan Memory Technology T8308 Datasheet HTML 3Page - Taiwan Memory Technology T8308 Datasheet HTML 4Page - Taiwan Memory Technology T8308 Datasheet HTML 5Page - Taiwan Memory Technology T8308 Datasheet HTML 6Page - Taiwan Memory Technology T8308 Datasheet HTML 7Page - Taiwan Memory Technology T8308 Datasheet HTML 8Page - Taiwan Memory Technology T8308 Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TE
CH
tm
T8308
TM Technology, Inc. reserves the right
P. 5
Publication Date: Oct. 2014
to change products or specifications without notice.
Revision:C
Functional Description
The device, in conjunction with the coil (L1) and current sense resistor (RS), forms a selfoscillating
continuous-mode buck converter.
Device operation
Operation can be best understood by assuming that the EN pin of the device is unconnected and the
voltage on this pin (VEN) appears directly at the (+) input of the comparator。
When input voltage VIN is first applied, the initial current in L1 and RS is zero and there is no
output from the current sense circuit. Under this condition, the (-) input to the comparator is at
ground and its output is high. This turns MN on and switches the LX pin low, causing current to
flow from VIN to ground, via RS, L1 and the LED(s). The current rises at a rate determined by VIN
and L1 to produce a voltage ramp (VSENSE) across RS. The supply referred voltage VSENSE is
forced across internal resistor R1 by the current sense circuit and produces a proportional current in
internal resistors R2 and R3. This produces a ground referred rising voltage at the (-) input of the
comparator.When MN is off, the current in L1 continues to flow via D1 and the LED(s) back to
VIN. The current decays at a rate determined by the LED(s) and diode forward voltages to produce a
falling voltage at the input of the comparator.
Switching thresholds
Define an average VSENSE switching threshold of 100mV (measured on the ISENSE pin with
respect to VIN). The average output current IOUTnom is then defined by this voltage and RS
according to:
IOUTnom = 100mV/RS
Nominal ripple current is ±15mV/RS
Output shutdown
The output of the low pass filter drives the shutdown circuit. When the input voltage to this circuit
falls below the threshold, the internal regulator and the output switch are turned off. The voltage
reference remains powered during shutdown to provide the bias current for the shutdown circuit.
Quiescent supply current during shutdown is nominally 35uA and switch leakage is below 5uA.


Similar Part No. - T8308

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T830-400W STMICROELECTRONICS-T830-400W Datasheet
62Kb / 5P
   SNUBBERLESS TRIAC
T830-600W STMICROELECTRONICS-T830-600W Datasheet
108Kb / 5P
   SNUBBERLESS TRIAC
T830-600W STMICROELECTRONICS-T830-600W Datasheet
62Kb / 5P
   SNUBBERLESS TRIAC
T830-600W STMICROELECTRONICS-T830-600W Datasheet
63Kb / 5P
   8A SNUBBERLESSTM TRIAC
logo
Kersemi Electronic Co.,...
T830-600W KERSEMI-T830-600W Datasheet
418Kb / 5P
   TRIAC
More results

Similar Description - T8308

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM604PA ELM-TECH-ELM604PA_17 Datasheet
969Kb / 7P
   1.4MHz, 800mA dual PWM step-down converter
logo
ELM Electronics
ELM604PA ELM-ELM604PA Datasheet
969Kb / 7P
   1.4MHz, 800mA dual PWM step-down converter
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1530 DIODES-AP1530 Datasheet
230Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1530 Rev. 1
AP1510 DIODES-AP1510_09 Datasheet
270Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 7
logo
Unisonic Technologies
P1886 UTC-P1886 Datasheet
201Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P1986 UTC-P1986 Datasheet
196Kb / 6P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
FOSLINK SEMICONDUCTOR C...
FSP3130 FOSLINK-FSP3130 Datasheet
228Kb / 7P
   PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3132 FOSLINK-FSP3132 Datasheet
198Kb / 6P
   PWM CONTROL 5A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com