Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T8305 Datasheet(PDF) 6 Page - Taiwan Memory Technology

Part # T8305
Description  PWM Control 18V Step-Down Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T8305 Datasheet(HTML) 6 Page - Taiwan Memory Technology

Back Button T8305 Datasheet HTML 2Page - Taiwan Memory Technology T8305 Datasheet HTML 3Page - Taiwan Memory Technology T8305 Datasheet HTML 4Page - Taiwan Memory Technology T8305 Datasheet HTML 5Page - Taiwan Memory Technology T8305 Datasheet HTML 6Page - Taiwan Memory Technology T8305 Datasheet HTML 7Page - Taiwan Memory Technology T8305 Datasheet HTML 8Page - Taiwan Memory Technology T8305 Datasheet HTML 9Page - Taiwan Memory Technology T8305 Datasheet HTML 10Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TE
CH
tm
T8305
TM Technology, Inc. reserves the right
P. 5
Publication Date: Mar. 2013
to change products or specifications without notice.
Revision: A
Functional Description
The device, in conjunction with the coil (L1) and current sense resistor (RS), forms a selfoscillating
continuous-mode buck converter.
Device operation
Operation can be best understood by assuming that the Vref of the device is unconnected and the
voltage on pin appears directly at the (+) input of the comparator.
When input voltage VIN is first applied, the initial current in L1 and RS is zero and there is no
output from the current sense circuit. Under this condition, the (-) input to the comparator is at
ground and its output is high. This turns MN on and switches the LX pin low, causing current to
flow from VIN to ground, via RS, L1 and the LED(s). The current rises at a rate determined by VIN
and L1 to produce a voltage ramp (VSENSE) across RS. The supply referred voltage VSENSE is
forced across internal resistor R1 by the current sense circuit and produces a proportional current in
internal resistors R2 and R3. This produces a ground referred rising voltage at the (-) input of the
comparator. When this reaches the threshold voltage, the comparator output switches low and MN
turns off. The comparator output also drives another NMOS switch, which bypasses internal resistor
R3 to provide a controlled amount of hysteresis. The hysteresis is set by R3 to be nominally 20% .
When MN is off, the current in L1 continues to flow via D1 and the LED(s) back to VIN. The
current decays at a rate determined by the LED(s) and diode forward voltages to produce a falling
voltage at the input of the comparator. When this voltage returns , the comparator output switches
high again. This cycle of events repeats, with the comparator input ramping between limits of ±
20%.
Switching thresholds
With VREF the ratios of R1, R2 and R3 define an average VSENSE switching threshold of 200mV
(measured on the ISENSE pin with respect to VIN). The average output current IOUTnom is then
defined by this voltage and RS according to:
IOUTnom = 200mV/RS
Output shutdown
The output of the low pass filter drives the shutdown circuit. When the input voltage to this circuit
falls below the threshold, the internal regulator and the output switch are turned off. The voltage
reference remains powered during shutdown to provide the bias current for the shutdown circuit.
Quiescent supply current during shutdown is nominally 35uA and switch leakage is below 5uA.


Similar Part No. - T8305

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
T8305AX MOLEX11-T8305AX Datasheet
25Kb / 2P
   Terminator Die
More results

Similar Description - T8305

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T8306 TMT-T8306 Datasheet
130Kb / 9P
   PWM Control 36V Step-Down Controller
logo
ABLIC Inc.
S-8533 ABLIC-S-8533 Datasheet
488Kb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.3.0_02
logo
Seiko Instruments Inc
S8533 SII-S8533 Datasheet
1Mb / 33P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
S-8533 SII-S-8533 Datasheet
410Kb / 31P
   STEP-DOWN, SYNCHRONOUS PWM CONTROL SWITCHING REGULATOR CONTROLLER
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8520 ABLIC-S-8520 Datasheet
612Kb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.9.0_02
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com