Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T8300AD Datasheet(PDF) 1 Page - Taiwan Memory Technology

Part # T8300AD
Description  PWM Control 1200mA Step-Down Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T8300AD Datasheet(HTML) 1 Page - Taiwan Memory Technology

  T8300AD Datasheet HTML 1Page - Taiwan Memory Technology T8300AD Datasheet HTML 2Page - Taiwan Memory Technology T8300AD Datasheet HTML 3Page - Taiwan Memory Technology T8300AD Datasheet HTML 4Page - Taiwan Memory Technology T8300AD Datasheet HTML 5Page - Taiwan Memory Technology T8300AD Datasheet HTML 6Page - Taiwan Memory Technology T8300AD Datasheet HTML 7Page - Taiwan Memory Technology T8300AD Datasheet HTML 8Page - Taiwan Memory Technology T8300AD Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TE
CH
tm
Preliminary T8300AD
TM Technology, Inc. reserves the right
P. 1
Publication Date: Dec. 2014
to change products or specifications without notice.
Revision:A
PWM Control 1200mA Step-Down Converter
Built-sensitive switch hysteresis control function
FEATURES
• Wide Input Voltage Range: 4.5V to 30V
• LED Output Current Up to 1200mA
• Soft-start
• Single pin on/off and brightness control
using DC voltage or PWM
• High efficiency (up to 97%)
• CCTV IR LED Driver add CDS control
Built-sensitive switch hysteresis control
function
• Up to 1MHz switching frequency
• Typical 5% output current accuracy
• SOP-8 Lead-free Package
Applications
• LED/Display Back Light Driver
• Lightings
• Portable Communication Devices
• Handheld Electronics
• CCTV IR LED Driver
GENERAL DESCRIPTION
The T8300AD is a continuous mode inductive
step-down converter, designed for driving
single or multiple series connected LEDs
efficiently from a voltage source higher than
the LED voltage. The device operates from an
input supply between 4.5V and 30V and
provides
an
externally
adjustable
output
current of up to 1200mA. Depending upon
supply voltage and external components, this
can provide up to 29 watts of output power.
The T8300AD includes the output switch and
a high-side output current sensing circuit,
which uses an external resistor to set the
nominal average output current. The T8300AD
is available in SOP-8 Lead-free package.
PART NUMBER EXAMPLES
PART NO.
PACKAGE
T8300AD
SOP-8


Similar Part No. - T8300AD

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
T8300A MOLEX11-T8300A Datasheet
26Kb / 3P
   Terminator Die
More results

Similar Description - T8300AD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
AP1530 DIODES-AP1530 Datasheet
230Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1530 Rev. 1
AP1510 DIODES-AP1510_09 Datasheet
270Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 7
logo
Unisonic Technologies
P1886 UTC-P1886 Datasheet
201Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P1986 UTC-P1986 Datasheet
196Kb / 6P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
FOSLINK SEMICONDUCTOR C...
FSP3130 FOSLINK-FSP3130 Datasheet
228Kb / 7P
   PWM CONTROL 2A STEP-DOWN CONVERTER
FSP3132 FOSLINK-FSP3132 Datasheet
198Kb / 6P
   PWM CONTROL 5A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP5002 DIODES-AP5002_09 Datasheet
207Kb / 10P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 8
logo
Taiwan Memory Technolog...
T8322AD TMT-T8322AD Datasheet
124Kb / 10P
   PWM Control 1500mA Step-Down Converter
logo
Unisonic Technologies
P3586 UTC-P3586_17 Datasheet
332Kb / 6P
   PWM CONTROL 3A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com